công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HD64F2145 bảng dữ liệu(PDF) 339 Page - Renesas Technology Corp

tên linh kiện HD64F2145
Giải thích chi tiết về linh kiện  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 bảng dữ liệu(HTML) 339 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 335Page - Renesas Technology Corp HD64F2145 Datasheet HTML 336Page - Renesas Technology Corp HD64F2145 Datasheet HTML 337Page - Renesas Technology Corp HD64F2145 Datasheet HTML 338Page - Renesas Technology Corp HD64F2145 Datasheet HTML 339Page - Renesas Technology Corp HD64F2145 Datasheet HTML 340Page - Renesas Technology Corp HD64F2145 Datasheet HTML 341Page - Renesas Technology Corp HD64F2145 Datasheet HTML 342Page - Renesas Technology Corp HD64F2145 Datasheet HTML 343Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 339 / 829 page
background image
Rev. 2.0, 08/02, page 299 of 788
13.2
Input/Output Pins
Table 13.1 lists the timer connection input and output pins.
Table 13.1
Pin Configuration
Name
Abbreviation
Input/
Output
Function
Vertical synchronization signal
input pin
VSYNCI
Input
Vertical synchronization signal
input pin or FTIA input pin/TMIY
input pin
Horizontal synchronization signal
input pin
HSYNCI
Input
Horizontal synchronization signal
input pin or TMCI1 input pin
Composite synchronization signal
input pin
CSYNCI
Input
Composite synchronization signal
input pin or TMRI1 input pin
Spare vertical synchronization
signal input pin
VFBACKI
Input
Spare vertical synchronization
signal input pin or FTIB input pin
Spare horizontal synchronization
signal input pin
HFBACKI
Input
Spare horizontal synchronization
signal input pin or FTCI input
pin/TMIX input pin
Vertical synchronization signal
output pin
VSYNCO
Output
Vertical synchronization signal
output pin or FTOA output pin
Horizontal synchronization signal
output pin
HSYNCO
Output
Horizontal synchronization signal
output pin or TMO1 output pin
Clamp waveform output pin
CLAMPO
Output
Clamp waveform output pin or
FTIC input pin
Blanking waveform output pin
CBLANK
Output
Blanking waveform output pin
13.3
Register Descriptions
The timer connection has the following registers.
• Timer connection register I (TCONRI)
• Timer connection register O (TCONRO)
• Timer connection register S (TCONRS)
• Edge sense register (SEDGR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More