công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CDB4245 bảng dữ liệu(PDF) 43 Page - Cirrus Logic

tên linh kiện CDB4245
Giải thích chi tiết về linh kiện  105 dB, 24-Bit, 192 kHz Streo Sudio CODEC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CIRRUS [Cirrus Logic]
Trang chủ  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB4245 bảng dữ liệu(HTML) 43 Page - Cirrus Logic

Back Button CDB4245 Datasheet HTML 39Page - Cirrus Logic CDB4245 Datasheet HTML 40Page - Cirrus Logic CDB4245 Datasheet HTML 41Page - Cirrus Logic CDB4245 Datasheet HTML 42Page - Cirrus Logic CDB4245 Datasheet HTML 43Page - Cirrus Logic CDB4245 Datasheet HTML 44Page - Cirrus Logic CDB4245 Datasheet HTML 45Page - Cirrus Logic CDB4245 Datasheet HTML 46Page - Cirrus Logic CDB4245 Datasheet HTML 47Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 54 page
background image
CS4245
43
6.6
Signal Selection - Address 06h
6.6.1
Auxiliary Output Source Select (Bits 6:5)
Function:
These bits are used to select the analog output source. Please refer to Table 12 below.
6.6.2
Digital Loopback (Bit 1)
Function:
When this bit is set, an internal digital loopback from the ADC to the DAC will be enabled. Please refer
to “Internal Digital Loopback” on page 33.
6.6.3
Asynchronous Mode (Bit 0)
Function:
When this bit is set, the DAC and ADC may be operated at independent an asynchronous sample
rates derived from MCLK1 and MCLK2. When this bit is cleared, the DAC and ADC must operate at
synchronous sample rates derived from MCLK1.
6.7
Channel A PGA Control - Address 07h
6.7.1
Channel A PGA Gain (Bits 5:0)
Function:
See “Channel B PGA Gain (Bits 5:0)” on page 44.
Table 11. MCLK2 Frequency
MCLK2 Divider
MCLK2 Freq2 MCLK2 Freq1 MCLK2 Freq0
÷1
000
÷1.5
001
÷2
010
÷3
011
÷4
100
Reserved
101
Reserved
11
x
76543
210
Reserved
AOutSel1
AOutSel0
Reserved
Reserved
Reserved
LOOP
ASynch
Table 12. Auxiliary Output Source Selection
AOutSel1
AOutSel0
Auxiliary Output Source
0
0
High Impedance
0
1
DAC Output
1
0
PGA Output
11
Reserved
76543
210
Reserved
Reserved
Gain5
Gain4
Gain3
Gain2
Gain1
Gain0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com