công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CDB4245 bảng dữ liệu(PDF) 31 Page - Cirrus Logic

tên linh kiện CDB4245
Giải thích chi tiết về linh kiện  105 dB, 24-Bit, 192 kHz Streo Sudio CODEC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CIRRUS [Cirrus Logic]
Trang chủ  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB4245 bảng dữ liệu(HTML) 31 Page - Cirrus Logic

Back Button CDB4245 Datasheet HTML 27Page - Cirrus Logic CDB4245 Datasheet HTML 28Page - Cirrus Logic CDB4245 Datasheet HTML 29Page - Cirrus Logic CDB4245 Datasheet HTML 30Page - Cirrus Logic CDB4245 Datasheet HTML 31Page - Cirrus Logic CDB4245 Datasheet HTML 32Page - Cirrus Logic CDB4245 Datasheet HTML 33Page - Cirrus Logic CDB4245 Datasheet HTML 34Page - Cirrus Logic CDB4245 Datasheet HTML 35Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 54 page
background image
CS4245
31
For each serial port, the serial bit clock must be equal to 128x, 64x, 48x or 32x Fs depending on the desired speed
mode. If operating in asynchronous mode, the serial bit clock SCLK1 must be synchronously derived from MCLK1
and SCLK2 must be synchronously derived from MCLK2. If operating in synchronous mode, SCLK1, and SCLK2
must be synchronously derived from MCLK1. Refer to Table 3 for required serial bit clock to Left/Right clock ratios.
4.3
High Pass Filter and DC Offset Calibration
When using operational amplifiers in the input circuitry driving the CS4245, a small DC offset may be driven into the
A/D converter. The CS4245 includes a high pass filter after the decimator to remove any DC offset which could result
in recording a DC level, possibly yielding clicks when switching between devices in a multichannel system.
The high pass filter continuously subtracts a measure of the DC offset from the output of the decimation filter. If the
HPFFreeze bit (see page 42) is set during normal operation, the current value of the DC offset for the each channel
is frozen and this DC offset will continue to be subtracted from the conversion result. This feature makes it possible
to perform a system DC offset calibration by:
1)
Running the CS4245 with the high pass filter enabled until the filter settles. See the ADC Digital Filter Charac-
teristics section for filter settling time.
2)
Disabling the high pass filter and freezing the stored DC offset.
A system calibration performed in this way will eliminate offsets anywhere in the signal path between the calibration
point and the CS4245.
4.4
Analog Input Multiplexer, PGA, and Mic Gain
The CS4245 contains a stereo 6-to-1 analog input multiplexer followed by a programmable gain amplifier (PGA).
The input multiplexer can select one of 6 possible stereo analog input sources and route it to the PGA.
Analog inputs 4A and 4B are able to insert a +32 dB gain stage before the input multiplexer, allowing them to be
used for microphone level signals without the need for any external gain. The PGA stage provides
±12 dB of gain
or attenuation in 0.5 dB steps. Figure 14 shows the architecture of the input multiplexer, PGA, and mic gain stages.
The “Analog Input Selection (Bits 2:0)” section on page 45 outlines the bit settings necessary to control the input
multiplexer and mic gain. “Channel A PGA Control - Address 07h” on page 43 and “Channel B PGA Control - Ad-
Single Speed
Double Speed
Quad Speed
SCLK/LRCK Ratio
32x, 48x, 64x, 128x
32x, 48x, 64x
32x, 48x, 64x
Table 3. Slave Mode Serial Bit Clock Ratios
PGA
MUX
+32 dB
AIN1A
AIN2A
AIN3A
AIN4A/MICIN1
AIN5A
AIN6A
PGA
MUX
+32 dB
AIN1B
AIN2B
AIN3B
AIN4B/MICIN2
AIN5B
AIN6B
Analog Input
Selection Bits
Channel A
PGA Gain Bits
Channel B
PGA Gain Bits
Out to ADC
Channel A
Out to ADC
Channel B
Figure 14. Analog Input Architecture



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com