công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CDB4245 bảng dữ liệu(PDF) 9 Page - Cirrus Logic

tên linh kiện CDB4245
Giải thích chi tiết về linh kiện  105 dB, 24-Bit, 192 kHz Streo Sudio CODEC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CIRRUS [Cirrus Logic]
Trang chủ  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB4245 bảng dữ liệu(HTML) 9 Page - Cirrus Logic

Back Button CDB4245 Datasheet HTML 5Page - Cirrus Logic CDB4245 Datasheet HTML 6Page - Cirrus Logic CDB4245 Datasheet HTML 7Page - Cirrus Logic CDB4245 Datasheet HTML 8Page - Cirrus Logic CDB4245 Datasheet HTML 9Page - Cirrus Logic CDB4245 Datasheet HTML 10Page - Cirrus Logic CDB4245 Datasheet HTML 11Page - Cirrus Logic CDB4245 Datasheet HTML 12Page - Cirrus Logic CDB4245 Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 54 page
background image
CS4245
9
DAC ANALOG CHARACTERISTICS (Full-Scale Output Sine Wave, 997 Hz; Test load R
L = 3 kΩ,
CL = 10 pF (see Figure 1), Fs = 48/96/192 kHz. Measurement Bandwidth 10 Hz to 20 kHz, unless otherwise speci-
fied.) Synchronous mode.
Note:
3. One-half LSB of triangular PDF dither added to data.
4. Guaranteed by design. The DC current draw represents the allowed current draw from the AOUT pin
due to typical leakage through the electrolytic DC blocking capacitors.
5. Guaranteed by design. See Figure 2. RL and CL reflect the recommended minimum resistance and
maximum capacitance required for the internal op-amp’s stability. CL affects the dominant pole of the
internal output amp; increasing CL beyond 100 pF can cause the internal op-amp to become unstable.
Parameter
All Speed Modes
Symbol
Min
Typ
Max
Unit
Dynamic Performance for VA = 5 V
Dynamic Range
(Note 3)
18 to 24-Bit
unweighted
A-Weighted
16-Bit
unweighted
A-Weighted
96
99
87
90
102
105
93
96
-
-
-
-
dB
dB
dB
dB
Total Harmonic Distortion + Noise
(Note 3)
18 to 24-Bit
0 dB
-20 dB
-60 dB
16-Bit
0 dB
-20 dB
-60 dB
THD+N
-
-
-
-
-
-
-95
-82
-42
-93
-73
-33
-89
-76
-36
-87
-67
-27
dB
dB
dB
dB
dB
dB
Dynamic Performance for VA = 3.3 V
Dynamic Range
(Note 3)
18 to 24-Bit
unweighted
A-Weighted
16-Bit
unweighted
A-Weighted
93
96
85
88
99
102
90
93
-
-
-
-
dB
dB
dB
dB
Total Harmonic Distortion + Noise
(Note 3)
18 to 24-Bit
0 dB
-20 dB
-60 dB
16-Bit
0 dB
-20 dB
-60 dB
THD+N
-
-
-
-
-
-
-92
-79
-39
-90
-70
-30
-84
-71
-31
-82
-62
-22
dB
dB
dB
dB
dB
dB
Interchannel Isolation
(1 kHz)
-
100
-
dB
DC Accuracy
Interchannel Gain Mismatch
-
0.1
0.25
dB
Gain Drift
-
100
-
ppm/°C
Analog Output
Full Scale Output Voltage
0.60*VA
0.65*VA
0.70*VA
Vpp
DC Current draw from an AOUT pin
(Note 4)
IOUT
--
10
µA
AC-Load Resistance
(Note 5)
RL
3-
-
k
Ω
Load Capacitance
(Note 5)
CL
--
100
pF
Output Impedance
ZOUT
-
100
-
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com