công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CDB4245 bảng dữ liệu(PDF) 38 Page - Cirrus Logic

tên linh kiện CDB4245
Giải thích chi tiết về linh kiện  105 dB, 24-Bit, 192 kHz Streo Sudio CODEC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CIRRUS [Cirrus Logic]
Trang chủ  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB4245 bảng dữ liệu(HTML) 38 Page - Cirrus Logic

Back Button CDB4245 Datasheet HTML 34Page - Cirrus Logic CDB4245 Datasheet HTML 35Page - Cirrus Logic CDB4245 Datasheet HTML 36Page - Cirrus Logic CDB4245 Datasheet HTML 37Page - Cirrus Logic CDB4245 Datasheet HTML 38Page - Cirrus Logic CDB4245 Datasheet HTML 39Page - Cirrus Logic CDB4245 Datasheet HTML 40Page - Cirrus Logic CDB4245 Datasheet HTML 41Page - Cirrus Logic CDB4245 Datasheet HTML 42Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 54 page
background image
CS4245
38
5. REGISTER QUICK REFERENCE
This table shows the register names and their associated default values.
Addr
Function
7
6
5
4
3
2
1
0
01h
Chip ID
PART3
PART2
PART1
PART0
REV3
REV2
REV1
REV0
11
0
0
0
0
0
1
02h
Power Control
Freeze
Reserved
Reserved
Reserved
PDN_MIC
PDN_ADC
PDN_DAC
PDN
00
0
0
0
0
0
1
03h
DAC Control 1
DAC_FM1 DAC_FM0 DAC_DIF1 DAC_DIF0
Reserved
MuteDAC
DeEmph
DAC_M/S
00
0
0
1
0
0
0
04h
ADC Control
ADC_FM1 ADC_FM0 Reserved
ADC_DIF
Reserved
MuteADC
HPFFreeze
ADC_M/S
00
0
0
0
0
0
0
05h
MCLK
Frequency
Reserved
MCLK1
Freq2
MCLK1
Freq1
MCLK1
Freq0
Reserved
MCLK2
Freq2
MCLK2
Freq1
MCLK2
Freq0
00
0
0
0
0
0
0
06h
Signal Selec-
tion
Reserved
AOutSel1
AOutSel0
Reserved
Reserved
Reserved
LOOP
ASynch
01
0
0
0
0
0
0
07h
PGA Ch B Gain
Control
Reserved
Reserved
Gain5
Gain4
Gain3
Gain2
Gain1
Gain0
00
0
0
0
0
0
0
08h
PGA Ch A Gain
Control
Reserved
Reserved
Gain5
Gain4
Gain3
Gain2
Gain1
Gain0
00
0
0
0
0
0
0
09h
Analog Input
Control
Reserved
Reserved
Reserved
PGASoft
PGAZero
Sel2
Sel1
Sel0
00
0
1
1
0
0
1
0Ah DAC Ch A Vol-
ume Control
Vol7
Vol6
Vol5
Vol4
Vol3
Vol2
Vol1
Vol0
00
0
0
0
0
0
0
0Bh DAC Ch B Vol-
ume Control
Vol7
Vol6
Vol5
Vol4
Vol3
Vol2
Vol1
Vol0
00
0
0
0
0
0
0
0Ch DAC Control 2
DACSoft
DACZero InvertDAC
Reserved
Reserved
Reserved
Reserved
Active_H/L
11
0
0
0
0
0
0
0Dh Interrupt Status Reserved
Reserved
Reserved
Reserved
ADCClkErr
DACClkErr
ADCOvfl
ADCUndrfl
00
0
0
0
0
0
0
0Eh Interrupt Mask
Reserved
Reserved
Reserved
Reserved ADCClkErrM DACClkErrM
ADCOvflM
ADCUndrflM
00
0
0
0
0
0
0
0Fh
Interrupt Mode
MSB
Reserved
Reserved
Reserved
Reserved ADCClkErr1 DACClkErr1
ADCOvfl1
ADCUndrfl1
00
0
0
0
0
0
0
10h
Interrupt Mode
LSB
Reserved
Reserved
Reserved
Reserved ADCClkErr0 DACClkErr0
ADCOvfl0
ADCUndrfl0
00
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com