công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CDB4245 bảng dữ liệu(PDF) 35 Page - Cirrus Logic

tên linh kiện CDB4245
Giải thích chi tiết về linh kiện  105 dB, 24-Bit, 192 kHz Streo Sudio CODEC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CIRRUS [Cirrus Logic]
Trang chủ  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB4245 bảng dữ liệu(HTML) 35 Page - Cirrus Logic

Back Button CDB4245 Datasheet HTML 31Page - Cirrus Logic CDB4245 Datasheet HTML 32Page - Cirrus Logic CDB4245 Datasheet HTML 33Page - Cirrus Logic CDB4245 Datasheet HTML 34Page - Cirrus Logic CDB4245 Datasheet HTML 35Page - Cirrus Logic CDB4245 Datasheet HTML 36Page - Cirrus Logic CDB4245 Datasheet HTML 37Page - Cirrus Logic CDB4245 Datasheet HTML 38Page - Cirrus Logic CDB4245 Datasheet HTML 39Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 54 page
background image
CS4245
35
will clock out the MSB of the addressed register (CDOUT will leave the high impedance state). If the MAP auto in-
crement bit is set to 1, the data for successive registers will appear consecutively.
4.12.2 I²C Mode
In I²C mode, SDA is a bidirectional data line. Data is clocked into and out of the part by the clock, SCL. There is no
CS pin. Pins AD0 and AD1 form the two least significant bits of the chip address and should be connected through
a resistor to VLC or DGND as desired. The state of the pins is sensed while the CS4245 is being reset.
The signal timings for a read and write cycle are shown in Figure 18 and Figure 19. A Start condition is defined as
a falling transition of SDA while the clock is high. A Stop condition is a rising transition while the clock is high. All
other transitions of SDA occur while the clock is low. The first byte sent to the CS4245 after a Start condition consists
of a 7 bit chip address field and a R/W bit (high for a read, low for a write). The upper 5 bits of the 7-bit address field
are fixed at 10011. To communicate with a CS4245, the chip address field, which is the first byte sent to the CS4245,
should match 10011 followed by the settings of the AD1 and AD0. The eighth bit of the address is the R/W bit. If the
operation is a write, the next byte is the Memory Address Pointer (MAP) which selects the register to be read or
written. If the operation is a read, the contents of the register pointed to by the MAP will be output. Setting the auto
increment bit in MAP allows successive reads or writes of consecutive registers. Each byte is separated by an ac-
knowledge bit. The ACK bit is output from the CS4245 after each input byte is read, and is input to the CS4245 from
the microcontroller after each transmitted byte.
MA P
MSB
LSB
DATA
byte 1
byte n
R/W
R/W
A DDRE S S
CH IP
ADDRESS
CHIP
CDIN
CCL K
CS
CD O U T
MSB
LSB MSB
LSB
1001111
1001111
MAP = Memory Address Pointer, 8 bits, MSB first
High Impedance
Figure 17. Control Port Timing in SPI Mode
4
5
6
7
24 25
SCL
CHIP ADDRESS (WRITE)
MAP BYTE
DATA
DATA +1
START
ACK
STOP
ACK
ACK
ACK
1
0
0
1
1 AD1 AD0 0
SDA
INCR
6
5
4
3
2
1
0
7
6
1
0
7
6
1
0
7
6
1
0
0
1
2
3
8
9
12
16 17 18
19
10 11
13 14 15
27 28
26
DATA +n
Figure 18. Control Port Timing, I²C Write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com