công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CDB4245 bảng dữ liệu(PDF) 40 Page - Cirrus Logic

tên linh kiện CDB4245
Giải thích chi tiết về linh kiện  105 dB, 24-Bit, 192 kHz Streo Sudio CODEC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CIRRUS [Cirrus Logic]
Trang chủ  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB4245 bảng dữ liệu(HTML) 40 Page - Cirrus Logic

Back Button CDB4245 Datasheet HTML 36Page - Cirrus Logic CDB4245 Datasheet HTML 37Page - Cirrus Logic CDB4245 Datasheet HTML 38Page - Cirrus Logic CDB4245 Datasheet HTML 39Page - Cirrus Logic CDB4245 Datasheet HTML 40Page - Cirrus Logic CDB4245 Datasheet HTML 41Page - Cirrus Logic CDB4245 Datasheet HTML 42Page - Cirrus Logic CDB4245 Datasheet HTML 43Page - Cirrus Logic CDB4245 Datasheet HTML 44Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 54 page
background image
CS4245
40
6.3
DAC Control - Address 03h
6.3.1
DAC Functional Mode (Bits 7:6)
Function:
Selects the required range of input sample rates.
6.3.2
DAC Digital Interface Format (Bits 5:4)
Function:
The required relationship between LRCK, SCLK and SDIN for the DAC is defined by the DAC Digital
Interface Format and the options are detailed in Table 6 and Figures 7-9.
6.3.3
Mute DAC (Bit 2)
Function:
The DAC outputs will mute and the MUTEC pin will become active when this bit is set. Though this
bit is active high, it should be noted that the MUTEC pin is active low. The common mode voltage on
the outputs will be retained when this bit is set. The muting function is effected, similar to attenuation
changes, by the DACSoft and DACZero bits in the DAC Control 2 register.
6.3.4
De-Emphasis Control (Bit 1)
Function:
The standard 50/15
µs digital de-emphasis filter response, Figure 20, may be implemented for a sam-
ple rate of 44.1 kHz when the DeEmph bit is configured as shown in Table 7 below. NOTE: De-em-
phasis is available only in Single-Speed Mode.
76543
210
DAC_FM1
DAC_FM0
DAC_DIF1
DAC_DIF0
Reserved
MuteDAC
DeEmph
DAC_M/S
Table 5. Functional Mode Selection
DAC_FM1
DAC_FM0
Mode
0
0
Single-Speed Mode: 4 to 50 kHz sample rates
0
1
Double-Speed Mode: 50 to 100 kHz sample rates
1
0
Quad-Speed Mode: 100 to 200 kHz sample rates
11
Reserved
Table 6. DAC Digital Interface Formats
DAC_DIF1 DAC_DIF0
Description
Format
Figure
0
0
Left Justified, up to 24-bit data (default)
0
7
01
I2S, up to 24-bit data
18
1
0
Right Justified, 16-bit Data
2
9
1
1
Right Justified, 24-bit Data
3
9
Table 7. De-Emphasis Control
DeEmph
Description
0
Disabled (default)
1
44.1 kHz de-emphasis



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com