công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FS98O02B-PCE bảng dữ liệu(PDF) 41 Page - Fortune Semiconductor Corp.

tên linh kiện FS98O02B-PCE
Giải thích chi tiết về linh kiện  8-bit MCU with 2k program EPROM, 128-byte RAM
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FORTUNE [Fortune Semiconductor Corp.]
Trang chủ  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS98O02B-PCE bảng dữ liệu(HTML) 41 Page - Fortune Semiconductor Corp.

Back Button FS98O02B-PCE Datasheet HTML 37Page - Fortune Semiconductor Corp. FS98O02B-PCE Datasheet HTML 38Page - Fortune Semiconductor Corp. FS98O02B-PCE Datasheet HTML 39Page - Fortune Semiconductor Corp. FS98O02B-PCE Datasheet HTML 40Page - Fortune Semiconductor Corp. FS98O02B-PCE Datasheet HTML 41Page - Fortune Semiconductor Corp. FS98O02B-PCE Datasheet HTML 42Page - Fortune Semiconductor Corp. FS98O02B-PCE Datasheet HTML 43Page - Fortune Semiconductor Corp. FS98O02B-PCE Datasheet HTML 44Page - Fortune Semiconductor Corp. FS98O02B-PCE Datasheet HTML 45Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 50 page
background image
FS98O02
Rev.1.5
41/50
level, it is necessary to keep AD0~AD4 in floating or VSS voltage level.
Figure 20-1: the Parasitic Diodes between VDD and Analog Input Ports
Example 20-3 is a recommended example program for user’s reference before the CPU executes the SLEEP
instruction.
CLRF
NETB
CLRF
NETD
CLRF
NETF
CLRF
NETG
MOVLW
01h
MOVWF
PT1PU
MOVLW
00h
MOVWF
PT1MR
MOVLW
0FEh
MOVWF
PT1EN
CLRF
PT1
; Set PT1 [7:1] output low, PT1 [0] Input with pull up
CLRF
INTF
MOVLW
081h
; Enable external Interrupt
MOVWF
INTE
SLEEP
NOP
Example 20-3: Example Program before the CPU Executes the SLEEP Instruction
21. Instruction Set
The FS98O02 instruction set consists of 37 instructions. Each instruction is a 16-bit word with an
OPCODE and one or more operands. The detail descriptions are as below.
21.1 Instruction Set Summary
Table 21-1: Instruction Set Summary Table
Instruction
Operation
Cycle
Flag
ADDLW k
[W]
← [W] + k
1
C, DC, Z
ADDPCW
[PC]
← [PC] + 1 + [W]
2
None
ADDWF f, d
[Destination]
← [f] + [W]
1
C, DC, Z
ADDWFC f, d
[Destination]
← [f] + [W] + C
1
C, DC, Z
ANDLW k
[W]
← [W] AND k
1
Z
ANDWF f, d
[Destination]
← [W] AND [f]
1
Z
BCF f, b
[f<b>]
← 0
1
None



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com