công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FS98O02B-PCE bảng dữ liệu(PDF) 36 Page - Fortune Semiconductor Corp.

tên linh kiện FS98O02B-PCE
Giải thích chi tiết về linh kiện  8-bit MCU with 2k program EPROM, 128-byte RAM
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FORTUNE [Fortune Semiconductor Corp.]
Trang chủ  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS98O02B-PCE bảng dữ liệu(HTML) 36 Page - Fortune Semiconductor Corp.

Back Button FS98O02B-PCE Datasheet HTML 32Page - Fortune Semiconductor Corp. FS98O02B-PCE Datasheet HTML 33Page - Fortune Semiconductor Corp. FS98O02B-PCE Datasheet HTML 34Page - Fortune Semiconductor Corp. FS98O02B-PCE Datasheet HTML 35Page - Fortune Semiconductor Corp. FS98O02B-PCE Datasheet HTML 36Page - Fortune Semiconductor Corp. FS98O02B-PCE Datasheet HTML 37Page - Fortune Semiconductor Corp. FS98O02B-PCE Datasheet HTML 38Page - Fortune Semiconductor Corp. FS98O02B-PCE Datasheet HTML 39Page - Fortune Semiconductor Corp. FS98O02B-PCE Datasheet HTML 40Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 50 page
background image
FS98O02
Rev.1.5
36/50
Note. 1. Please keep VDD = 3.2V ± 0.2V when executing Instruction Programmer EPROM.
2. Charge Pump must be on and delayed about 100ms for VGG=2xVDDP before the VPP connect to
12V and executing Instruction Programmer EPROM.
Initially::
BSF
NETF , ENPUMP
; Open Charge PUMP , For VDDA , VS , and Instruction Programmer EPROM
CALL
delay100ms
BSF
NETF , ENVDDA
; Open VDDA , If VS has heavy Loading then delay about 200mS
CALL
delay200ms
BSF
NETF,ENVS
; Open VS
…………………….
…………………….
…………………….
TBProgram:
BTFSS
NETD,ERV
; Check VPP = 12 V
GOTO
ERR_VPP
MOVLW
HIGH TABLE
; Programmer EPROM MSB Address
MOVWF
EADRH
MOVFW
LOW TABLE
; Programmer EPROM LSB Address
MOVWF
EADRL
MOVP
0
; Read EPROM Data , not Increment Address
BTFSS
NETD,EPBLK
; Check EPROM if 0xFFFF
GOTO
ERR_EMPTY
MOVFW
ADCO+1
; Programmer MSB Data
MOVWF
EDAH
MOVFW
ADCO
; Programmer LSB Data
TBLP
64
; Programmer EPROM , 64 is a const value
NOP
MOVP
1
; Read EPROM Data and Increment Address ,[EADRH , EADRL]+1
BTFSS
NETD,EPMAT
; Check if Programmer Match
GOTO
ERR_MATCH
………….
; Next step
ERR_EMPTY:
………….
ERR_VPP:
………….
ERR_MATCH:
………….
Example 17-1: Programmer EPROM Example
18. LCD Driver
The LCD driver in FS98O02 has 4 commons and 12 segments, and the LCD can drive 4 x 12, 48 dots LCD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com