công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FS98O02B-PCE bảng dữ liệu(PDF) 37 Page - Fortune Semiconductor Corp.

tên linh kiện FS98O02B-PCE
Giải thích chi tiết về linh kiện  8-bit MCU with 2k program EPROM, 128-byte RAM
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FORTUNE [Fortune Semiconductor Corp.]
Trang chủ  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS98O02B-PCE bảng dữ liệu(HTML) 37 Page - Fortune Semiconductor Corp.

Back Button FS98O02B-PCE Datasheet HTML 33Page - Fortune Semiconductor Corp. FS98O02B-PCE Datasheet HTML 34Page - Fortune Semiconductor Corp. FS98O02B-PCE Datasheet HTML 35Page - Fortune Semiconductor Corp. FS98O02B-PCE Datasheet HTML 36Page - Fortune Semiconductor Corp. FS98O02B-PCE Datasheet HTML 37Page - Fortune Semiconductor Corp. FS98O02B-PCE Datasheet HTML 38Page - Fortune Semiconductor Corp. FS98O02B-PCE Datasheet HTML 39Page - Fortune Semiconductor Corp. FS98O02B-PCE Datasheet HTML 40Page - Fortune Semiconductor Corp. FS98O02B-PCE Datasheet HTML 41Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 50 page
background image
FS98O02
Rev.1.5
37/50
The LCD common driver waveform is show in Figure 18-1.
Figure 18-1: LCD Common Driver Waveform
Table 18-1: LCD Control Related Registers
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset State
WDT Reset State
40h
LCD1
SEG1 [3:0]
SEG0 [3:0]
uuuu uuuu
uuuu uuuu
41h
LCD2
SEG3 [3:0]
SEG2 [3:0]
uuuu uuuu
uuuu uuuu
42h
LCD3
SEG5 [3:0]
SEG4 [3:0]
uuuu uuuu
uuuu uuuu
43h
LCD4
SEG7 [3:0]
SEG6 [3:0]
uuuu uuuu
uuuu uuuu
44h
LCD5
SEG9 [3:0]
SEG8 [3:0]
uuuu uuuu
uuuu uuuu
45h
LCD6
SEG11 [3:0]
SEG10 [3:0]
uuuu uuuu
uuuu uuuu
2Eh
NETF
EN_LCDB
LCDEN
0000 0100
0000 0100
LCD1~LCD6 is the LCD display data area.
LCDEN =1 starts the LCD clock and then we may use the LCD. If LCDEN = 0, the LCD driver will be
disabled.
When EN_LCDB = 1, the LCD bias circuit is enabled. When EN_LCDB = 0, the LCD bias circuit is disabled,
and the LCD driver will not function.
The LCD frame frequency is selected by internal LCDCKS [1:0] as described in Table 18-2.
Table 18-2: Setting LCD Frame Frequency
LCDCKS [1:0]
LCD Frame Frequency
01
LCD Input Frequency/16 (~31.25Hz)
Here we demonstrate the way to light on the dots on the LCD. If we set LCD1 = “0110-1101b”, it means we
set SEG1 [3:0] = “0110b” and SEG0 [3:0] = “1101b”. Then, the dots on the cross position of SEG1 and COM3,
COM2 will be on; also, the dots on the cross position of SEG0 and COM4, COM3, COM1 will be on. We may



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com