công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NUC029-FAN bảng dữ liệu(PDF) 26 Page - Nuvoton Technology Corporation

tên linh kiện NUC029-FAN
Giải thích chi tiết về linh kiện  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NUVOTON [Nuvoton Technology Corporation]
Trang chủ  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC029-FAN bảng dữ liệu(HTML) 26 Page - Nuvoton Technology Corporation

Back Button NUC029-FAN Datasheet HTML 22Page - Nuvoton Technology Corporation NUC029-FAN Datasheet HTML 23Page - Nuvoton Technology Corporation NUC029-FAN Datasheet HTML 24Page - Nuvoton Technology Corporation NUC029-FAN Datasheet HTML 25Page - Nuvoton Technology Corporation NUC029-FAN Datasheet HTML 26Page - Nuvoton Technology Corporation NUC029-FAN Datasheet HTML 27Page - Nuvoton Technology Corporation NUC029-FAN Datasheet HTML 28Page - Nuvoton Technology Corporation NUC029-FAN Datasheet HTML 29Page - Nuvoton Technology Corporation NUC029-FAN Datasheet HTML 30Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 70 page
background image
NUC029xDE
Dec 18, 2018
Page 26 of 70
Rev 1.01
6.2.4 System Memory Map
The NuMicro
® NUC029LDE/NUC029SDE provides 4G-byte addressing space. The memory locations
assigned to each on-chip controllers are shown in the following table. The detailed register definition,
memory space, and programming detailed will be described in the following sections for each on-chip
peripheral. The NuMicro
® NUC029LDE/NUC029SDE only supports little-endian data format.
Address Space
Token
Controllers
Flash and SRAM Memory Space
0x0000_0000
– 0x0001_0FFF
FLASH_BA
Flash Memory Space (68 KB)
0x2000_0000
– 0x2000_3FFF
SRAM_BA
SRAM Memory Space (8 KB)
AHB Controllers Space (0x5000_0000
– 0x501F_FFFF)
0x5000_0000
– 0x5000_01FF
GCR_BA
System Global Control Registers
0x5000_0200
– 0x5000_02FF
CLK_BA
Clock Control Registers
0x5000_0300
– 0x5000_03FF
INT_BA
Interrupt Multiplexer Control Registers
0x5000_4000
– 0x5000_7FFF
GPIO_BA
GPIO Control Registers
0x5000_C000
– 0x5000_FFFF
FMC_BA
Flash Memory Control Registers
APB1 Controllers Space (0x4000_0000 ~ 0x400F_FFFF)
0x4000_4000
– 0x4000_7FFF
WDT_BA
Watchdog Timer Control Registers
0x4001_0000
– 0x4001_3FFF
TMR01_BA
Timer0/Timer1 Control Registers
0x4002_0000
– 0x4002_3FFF
I2C0_BA
I
2C0 Interface Control Registers
0x4003_0000
– 0x4003_3FFF
SPI0_BA
SPI0 with master/slave function Control Registers
0x4004_0000
– 0x4004_3FFF
PWM0_BA
PWM0 Control Registers
0x4005_0000
– 0x4005_3FFF
UART0_BA
UART0 Control Registers
0x4005_4000
– 0x4005_7FFF
UART3_BA
UART3 Control Registers
0x400E_0000
– 0x400E_FFFF
ADC_BA
Analog-Digital-Converter (ADC) Control Registers
APB2 Controllers Space (0x4010_0000 ~ 0x401F_FFFF)
0x4011_0000
– 0x4011_3FFF
TMR23_BA
Timer2/Timer3 Control Registers
0x4012_0000
– 0x4012_3FFF
I2C1_BA
I
2C1 Interface Control Registers
0x4014_0000
– 0x4014_3FFF
PWM1_BA
PWM1 Control Registers
0x4015_0000
– 0x4015_3FFF
UART1_BA
UART1 Control Registers
0x4015_4000
– 0x4015_7FFF
UART2_BA
UART2 Control Registers
System Controllers Space (0xE000_E000 ~ 0xE000_EFFF)
0xE000_E010
– 0xE000_E0FF
SCS_BA
System Timer Control Registers
0xE000_E100
– 0xE000_ECFF
SCS_BA
External Interrupt Controller Control Registers
0xE000_ED00
– 0xE000_ED8F
SCS_BA
System Control Registers
Table 6-1 Address Space Assignments for On-Chip Controllers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com