công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NUC029-FAN bảng dữ liệu(PDF) 48 Page - Nuvoton Technology Corporation

tên linh kiện NUC029-FAN
Giải thích chi tiết về linh kiện  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NUVOTON [Nuvoton Technology Corporation]
Trang chủ  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC029-FAN bảng dữ liệu(HTML) 48 Page - Nuvoton Technology Corporation

Back Button NUC029-FAN Datasheet HTML 44Page - Nuvoton Technology Corporation NUC029-FAN Datasheet HTML 45Page - Nuvoton Technology Corporation NUC029-FAN Datasheet HTML 46Page - Nuvoton Technology Corporation NUC029-FAN Datasheet HTML 47Page - Nuvoton Technology Corporation NUC029-FAN Datasheet HTML 48Page - Nuvoton Technology Corporation NUC029-FAN Datasheet HTML 49Page - Nuvoton Technology Corporation NUC029-FAN Datasheet HTML 50Page - Nuvoton Technology Corporation NUC029-FAN Datasheet HTML 51Page - Nuvoton Technology Corporation NUC029-FAN Datasheet HTML 52Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 70 page
background image
NUC029xDE
Dec 18, 2018
Page 48 of 70
Rev 1.01
6.14 Analog-to-Digital Converter (ADC)
6.14.1 Overview
The NuMicro
® NUC029LDE/NUC029SDE contains one 12-bit successive approximation analog-
to-digital converters (SAR A/D converter) with 8 input channels. The A/D converter supports three
operation modes: single, single-cycle scan and continuous scan mode. The A/D converter can be
started by software, PWM trigger and external STADC pin.
6.14.2 Features
Analog input voltage range: 0~VREF
12-bit resolution and 10-bit accuracy is guaranteed
Up to 8 single-end analog input channels or 4 differential analog input channels
Up to 1000 kSPS conversion rate (chip working at 5V)
Three operating modes
-
Single mode: A/D conversion is performed one time on a specified channel
-
Single-cycle scan mode: A/D conversion is performed one cycle on all specified
channels with the sequence from the smallest numbered channel to the largest
numbered channel
-
Continuous scan mode: A/D converter continuously performs Single-cycle scan
mode until software stops A/D conversion
An A/D conversion can be started by:
-
Writing 1 to ADST bit (ADCR[11])through software
-
PWM trigger
-
External pin STADC
Conversion results are held in data registers for each channel with valid and overrun
indicators
Supports two set digital comparators. The conversion result can be compared with
specify value and user can select whether to generate an interrupt when conversion
result matches the compare register setting
Channel 7 supports 2 input sources: external analog voltage, and internal Band-gap
voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com