công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NUC029-FAN bảng dữ liệu(PDF) 47 Page - Nuvoton Technology Corporation

tên linh kiện NUC029-FAN
Giải thích chi tiết về linh kiện  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NUVOTON [Nuvoton Technology Corporation]
Trang chủ  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC029-FAN bảng dữ liệu(HTML) 47 Page - Nuvoton Technology Corporation

Back Button NUC029-FAN Datasheet HTML 43Page - Nuvoton Technology Corporation NUC029-FAN Datasheet HTML 44Page - Nuvoton Technology Corporation NUC029-FAN Datasheet HTML 45Page - Nuvoton Technology Corporation NUC029-FAN Datasheet HTML 46Page - Nuvoton Technology Corporation NUC029-FAN Datasheet HTML 47Page - Nuvoton Technology Corporation NUC029-FAN Datasheet HTML 48Page - Nuvoton Technology Corporation NUC029-FAN Datasheet HTML 49Page - Nuvoton Technology Corporation NUC029-FAN Datasheet HTML 50Page - Nuvoton Technology Corporation NUC029-FAN Datasheet HTML 51Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 70 page
background image
NUC029xDE
Dec 18, 2018
Page 47 of 70
Rev 1.01
6.13 Serial Peripheral Interface (SPI)
6.13.1 Overview
The Serial Peripheral Interface (SPI) is a synchronous serial data communication protocol that
operates in full duplex mode. Devices communicate in Master/Slave mode with the 4-wire bi-
direction interface. The NuMicro
® NUC029LDE/NUC029SDE contains one set of SPI controllers
performing a serial-to-parallel conversion on data received from a peripheral device, and a
parallel-to-serial conversion on data transmitted to a peripheral device. This SPI controller can be
configured as a master or a slave device.
The SPI controller supports the variable bus clock function for special applications.
6.13.2 Features
One set of SPI controller
Supports Master or Slave mode operation
Supports Dual I/O Transfer mode
Configurable bit length of a transaction word from 8 to 32 bits
Provides separate 8-layer depth transmit and receive FIFO buffers
Supports MSB first or LSB first transfer sequence
Supports the Byte Reorder function
Supports Byte or Word Suspend mode
Variable output bus clock frequency in Master mode
Supports 3-wire, no slave select signal, bi-direction interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com