công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

Z86C34 bảng dữ liệu(PDF) 59 Page - Zilog, Inc.

tên linh kiện Z86C34
Giải thích chi tiết về linh kiện  CMOS Z8 MCUs WITH ASCI UART OFFER EFFICIENT, COST-EFFECTIVE DESIGN FLEXIBILITY
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ZILOG [Zilog, Inc.]
Trang chủ  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C34 bảng dữ liệu(HTML) 59 Page - Zilog, Inc.

Back Button Z86C34 Datasheet HTML 55Page - Zilog, Inc. Z86C34 Datasheet HTML 56Page - Zilog, Inc. Z86C34 Datasheet HTML 57Page - Zilog, Inc. Z86C34 Datasheet HTML 58Page - Zilog, Inc. Z86C34 Datasheet HTML 59Page - Zilog, Inc. Z86C34 Datasheet HTML 60Page - Zilog, Inc. Z86C34 Datasheet HTML 61Page - Zilog, Inc. Z86C34 Datasheet HTML 62Page - Zilog, Inc. Z86C34 Datasheet HTML 63Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 70 page
background image
Z86C34/C35/C36/C44/C45/C46
ZiLOG
CMOS Z8® MCUs with ASCI UART
DS007601-Z8X0499
P R E L I M I N A R Y
59
er operates in STOP mode, and cannot be enabled, by any
means, to operate in STOP mode.
Auto Latch Mode.
Selecting the DISABLE AUTOLATCH-
ES
option disables the autolatches on the Port pins. These
pins will float rather than be pulled to a valid CMOS level
when they are inputs and not connected to an external sig-
nal. Selecting the ENABLE AUTOLATCHES option enables
the autolatches on the Port pins and pulls the pins to a valid
CMOS level when they are not connected to an external sig-
nal.
Port 0 Pull-Ups.
Selecting DISABLE PULL-UPS disables
the input pull-up circuitry on all Port 0 pins. Selecting EN-
ABLE PULL-UPS
enables the input pull-up circuitry on all
Port 0 pins. This option bit does not affect any of the other
port pins on the part.
Port 1 Pull-Ups.
Selecting DISABLE PULL-UPS disables
the input pull-up circuitry on all Port 1 pins. Selecting EN-
ABLE PULL-UPS
enables the input pull-up circuitry on all
Port 1 pins. This option bit does not affect any of the other
port pins on the part.
Port 2 Pull-Ups.
Selecting DISABLE PULL-UPS disables
the input pull-up circuitry on all Port 2 pins. Selecting EN-
ABLE PULL-UPS
enables the input pull-up circuitry on all
Port 2 pins. This option bit does not affect any of the other
port pins on the part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com