công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

Z86C34 bảng dữ liệu(PDF) 50 Page - Zilog, Inc.

tên linh kiện Z86C34
Giải thích chi tiết về linh kiện  CMOS Z8 MCUs WITH ASCI UART OFFER EFFICIENT, COST-EFFECTIVE DESIGN FLEXIBILITY
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ZILOG [Zilog, Inc.]
Trang chủ  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C34 bảng dữ liệu(HTML) 50 Page - Zilog, Inc.

Back Button Z86C34 Datasheet HTML 46Page - Zilog, Inc. Z86C34 Datasheet HTML 47Page - Zilog, Inc. Z86C34 Datasheet HTML 48Page - Zilog, Inc. Z86C34 Datasheet HTML 49Page - Zilog, Inc. Z86C34 Datasheet HTML 50Page - Zilog, Inc. Z86C34 Datasheet HTML 51Page - Zilog, Inc. Z86C34 Datasheet HTML 52Page - Zilog, Inc. Z86C34 Datasheet HTML 53Page - Zilog, Inc. Z86C34 Datasheet HTML 54Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 70 page
background image
Z86C34/C35/C36/C44/C45/C46
CMOS Z8® MCUs with ASCI UART
ZiLOG
50
P R E L I M I N A R Y
DS007601-Z8X0499
ASCI CONTROL REGISTER B (CNTLB)
(%(A)04H: READ/WRITE)
BIT 7 is the Multiprocessor Bit Transmit
When multiprocessor format is selected (MP BIT = 1), Mul-
tiprocessor Bit Transmit (MPBT) is used to specify the MPB
data bit for transmission. If MPBT = 1, then a 1 is transmitted
in the MPB bit position. If MPBT = 0, a 0 is transmitted.
BIT 6 is the Multiprocessor Mode
When Multiprocessor Mode (MP) is set to 1, the serial data
format is configured for multiprocessor mode, adding a bit
position whose value is specified in MPBT immediately af-
ter the specified number of data bits and preceding the spec-
ified number of STOP bits.
Note: The multiprocessor format does not provide parity. The
serial data format while in MP mode is illustrated in Fig-
ure 35.
If MP = 0, the data format is based on MOD2–0 in CNTLA
and may include parity.
Bit 5 is the BRG Prescaler
The Prescale bit specifies the baud rate generator prescale
factor when using the SS2–0 bits to define the ASCI baud
rate (BRG MODE = 0). Writing a 0 to this bit sets the BRG
Prescaler to divide by 10. Setting this bit to a 1 sets the BRG
Prescaler to divide by 30. See the Baud Rate Generation
Summary for more information on setting the ASCI baud
rate.
Bit 4 is the Parity Even/Odd
Parity Even/Odd (PEO) controls the parity bit transmitted
on the serial output and the parity check on the serial input.
If PEO is cleared to 0, even parity is transmitted and checked
If PEO is set to 1, odd parity is transmitted and checked.
Bit 3 is the Divide Ratio
The Divide Ratio bit specifies the divider used to obtain the
baud rate from the data sampling clock when using the
SS2–0
bits to define the ASCI baud rate (BRG MODE = 0).
If DR is 0, then DIVIDE-BY-16 is used. If DR is set to a 1,
then DIVIDE-BY-64 is used. See the Baud Rate Generation
Summary for more information on setting the ASCI baud
rate.
Table 21. CNTLB Register Bit Functions
Bit
7
6
5
4
3
2
1
0
R
Multiprocessor
Bit
Transmitter
(MPBT)
Multiprocessor
Mode
(MP)
Parity
Even/Odd
(PEO)
Divide Ratio
(DR)
SS2
SS1
SS0
W
Prescale
(PR)
Clock Source
and Speed
Reset
0
0
0
0
0
1
1
1
Figure 35. MP Mode Serial Data Format
7 or 8 bits Data Field
Start Bit
MPB
1 or 2
Stop Bit(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com