công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

Z86C34 bảng dữ liệu(PDF) 43 Page - Zilog, Inc.

tên linh kiện Z86C34
Giải thích chi tiết về linh kiện  CMOS Z8 MCUs WITH ASCI UART OFFER EFFICIENT, COST-EFFECTIVE DESIGN FLEXIBILITY
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ZILOG [Zilog, Inc.]
Trang chủ  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C34 bảng dữ liệu(HTML) 43 Page - Zilog, Inc.

Back Button Z86C34 Datasheet HTML 39Page - Zilog, Inc. Z86C34 Datasheet HTML 40Page - Zilog, Inc. Z86C34 Datasheet HTML 41Page - Zilog, Inc. Z86C34 Datasheet HTML 42Page - Zilog, Inc. Z86C34 Datasheet HTML 43Page - Zilog, Inc. Z86C34 Datasheet HTML 44Page - Zilog, Inc. Z86C34 Datasheet HTML 45Page - Zilog, Inc. Z86C34 Datasheet HTML 46Page - Zilog, Inc. Z86C34 Datasheet HTML 47Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 70 page
background image
Z86C34/C35/C36/C44/C45/C46
ZiLOG
CMOS Z8® MCUs with ASCI UART
DS007601-Z8X0499
P R E L I M I N A R Y
43
Low Voltage Protection.
An onboard Voltage Compara-
tor checks that VCC is at the required level to ensure correct
operation of the device. RESET is globally driven if VCC is
below the specified voltage (Low Voltage Protection). The
minimum operating voltage is varying with the temperature
and operating frequency, while the Low Voltage Protection
(VLV) varies with temperature only.
The Low Voltage Protection trip voltage (VLV) is less than
3V and more than 1.4V under the following conditions.
Note: The internal clock frequency relationship to the XTAL
clock is dependent on SMR BIT 0 1 setting.
The device functions normally at or above 3.0V under all
conditions. Below 3.0V, the device functions normally until
the Low Voltage Protection trip point (VLV) is reached, for
the temperatures and operating frequencies in Case 1 and
Case 2, above. The device is guaranteed to function normally
at supply voltages above the Low Voltage Protection trip
point. The actual Low Voltage Protection trip point is a func-
tion of temperature and process parameters (Figure 36).
Figure 30. Resets and WDT
CLK
18 Clock RESET
Generator
RESET
Clear
WDT TAP SELECT
Internal
RC OSC.
CK
CLR
5ms POR
5ms 15ms 25ms 100ms
2V Operating
Voltage Det.
Internal
RESET
WDT Select
(WDTMR)
CLK Source
Select
(WDTMR)
XTAL
V
V
From Stop
Mode
Recovery
Source
WDT
Stop Delay
Select (SMR)
+
–
4 Clock
Filter
WDT/POR Counter Chain
M
U
X
Reset
DD
LV
Table 16. Maximum (VLV) Conditions:
Case 1:
TA = –40ºC, +105ºC, Internal Clock
Frequency equal or less than 4 MHz
Case 2:
TA = –40ºC, +85ºC, Internal Clock
Frequency equal or less than 6 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com