công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

Z86C34 bảng dữ liệu(PDF) 10 Page - Zilog, Inc.

tên linh kiện Z86C34
Giải thích chi tiết về linh kiện  CMOS Z8 MCUs WITH ASCI UART OFFER EFFICIENT, COST-EFFECTIVE DESIGN FLEXIBILITY
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ZILOG [Zilog, Inc.]
Trang chủ  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C34 bảng dữ liệu(HTML) 10 Page - Zilog, Inc.

Back Button Z86C34 Datasheet HTML 6Page - Zilog, Inc. Z86C34 Datasheet HTML 7Page - Zilog, Inc. Z86C34 Datasheet HTML 8Page - Zilog, Inc. Z86C34 Datasheet HTML 9Page - Zilog, Inc. Z86C34 Datasheet HTML 10Page - Zilog, Inc. Z86C34 Datasheet HTML 11Page - Zilog, Inc. Z86C34 Datasheet HTML 12Page - Zilog, Inc. Z86C34 Datasheet HTML 13Page - Zilog, Inc. Z86C34 Datasheet HTML 14Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 70 page
background image
Z86C34/C35/C36/C44/C45/C46
CMOS Z8® MCUs with ASCI UART
ZiLOG
10
P R E L I M I N A R Y
DS007601-Z8X0499
DC ELECTRICAL CHARACTERISTICS (Continued)
VOL2
Output Low
Voltage
3.0V
1.2
1.2
0.3
V
IOL = +6 mA
3
5.5V
1.2
1.2
0.4
V
IOL = +12 mA
3
VRH
Reset Input
High
Voltage
3.0V
.8 VCC
VCC
.8 VCC
VCC
1.8
V
4
5.5V
.8 VCC
VCC
.8 VCC
VCC
2.6
V
4
VRl
Reset Input
Low
Voltage
3.0V
GND–0.3
0.2 VCC
GND–0.3
0.2 VCC
1.1
V
4
5.5V
GND–0.3
0.2 VCC
GND–0.3
0.2 VCC
1.6
V
4
VOLR
Reset
Output Low
Voltage
3.0V
0.6
0.6
0.3
V
IOL = +1.0 mA
4
5.5V
0.6
0.6
0.3
V
IOL = +1.0 mA
4
VOFFSET Comparator
Input Offset
Voltage
3.0V
25
25
10
mV
5
5.5V
25
25
10
mV
5
IIL
Input
Leakage
3.0V
–1
2
–1
2
0.004
µA
VIN = 0V, VCC
5.5V
–1
2
–1
2
0.004
µA
VIN = 0V, VCC
IOL
Output
Leakage
3.0V
–1
1
–1
2
0.004
µA
VIN = 0V, VCC
5.5V
–1
1
–1
2
0.004
µA
VIN = 0V, VCC
IIR
Reset Input
Current
3.0V
–20
–130
–18
–130
–60
µA
5.5V
–20
–180
–18
–180
–85
µA
ICC
Supply
Current
3.0V
20
20
7
mA @ 16 MHz
6
5.5V
25
25
20
mA @ 16 MHz
6
3.0V
15
15
5
mA @ 12 MHz
6
5.5V
20
20
15
mA @ 12 MHz
6
Table 5. DC Characteristics (Continued)
TA =
0°C to +70°C
TA =
–40°C to +105°C
Sym
Parameter
VCC
1
Min
Max
Min
Max
Typical2
@25°C
Units Conditions
Notes
Notes:
1. The VCC voltage specification of 3.0V guarantees 3.3V ±0.3V with typicals at VCC = 3.3V, and the VCC voltage
specification of 5.5V guarantees 5.0V ±0.5V with typicals at VCC = 5.0V.
2. Typicals are at VCC = 5.0V and 3.3V.
3. Standard Mode (not Low EMI).
4. Not applicable to devices in 28-pin packages.
5. For analog comparator, inputs when analog comparators are enabled.
6. All outputs unloaded, I/O pins floating, inputs at rail.
7. Same as note 6, except inputs at VCC.
8. Clock must be forced Low, when XTAL 1 is clock-driven and XTAL2 is floating.
9. 0ºC to 70ºC (standard temperature).
10. Auto Latch (Mask Option) selected.
11. The VLV voltage increases as the temperature decreases and overlaps lower VCC operating region.
12. –40˚C to 150˚C (extended temperature).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com