| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DSP56857 bảng dữ liệu(PDF) 618 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
DSP56857 bảng dữ liệu(HTML) 618 Page - Freescale Semiconductor, Inc |
|
618 / 662 page ![]() Application: Date: Programmer: Sheet Appendix B - Programmer’s Sheets, Rev. 4 Freescale Semiconductor B-116 Preliminary 12 of 32 Bits Name Description 5 - 0 DD Port D Data Direction These bits control the pins direction when in GPIO mode. In the Normal mode, these bits have no effect on the output enables or pull-up enables. 0 Pin is an input; pull-ups are dependent on value of PUE registers. (default) 1 Pin is an output; pull-ups are disabled Data Direction Register (GPIOD_DDR) $1FFE60 + $D Bits 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Read 0 0 0 0 0 0 0 0 0 0 DD Write Reset 0 00 000 00 00 00 00 00 GPIO Port D Data Direction Register (GPIOD_DDR) GPIO denotes Reserved Bits |