| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AMD8513 bảng dữ liệu(PDF) 84 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
AMD8513 bảng dữ liệu(HTML) 84 Page - Infineon Technologies AG |
|
84 / 88 page ![]() ADM8513 Data Sheet Appendix Layout Guide Data Sheet 84 Rev. 1.21, 2005-12-05 12 Appendix Layout Guide Placement: • At USB side, place ADM8513/X and USB connector as close as possible. • At Ethernet side, place ADM8513/X, transformer and RJ45 as close as possible. • The crystal or OSC device should be closed to ADM8513/X and away from the following items – Any analog signal – PCB edge – Any other high frequency components and their associated traces. If you can't avoid those designs, please add a Resistor between Crystal (or OSC) and ADM8513/X chip clk48_I pin as figure show: Figure 7 Placement 1 • Place the filtering capacitor as closed as possible at the Vcc pin of ADM8513/X and its trace must be short and wide. Figure 8 Placement 2 To pin 29 : clk48_I To pin 28 : clk48_O CLKOUT CLKIN C3 20PF L1 2.2UH R1 22.1K C5 10PF C2 0.01UF X1 48M R2 33 |