công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AMD8513 bảng dữ liệu(PDF) 77 Page - Infineon Technologies AG

tên linh kiện AMD8513
Giải thích chi tiết về linh kiện  USB-to-10/100 Mbps Ethernet LAN Controller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

AMD8513 bảng dữ liệu(HTML) 77 Page - Infineon Technologies AG

Back Button AMD8513 Datasheet HTML 73Page - Infineon Technologies AG AMD8513 Datasheet HTML 74Page - Infineon Technologies AG AMD8513 Datasheet HTML 75Page - Infineon Technologies AG AMD8513 Datasheet HTML 76Page - Infineon Technologies AG AMD8513 Datasheet HTML 77Page - Infineon Technologies AG AMD8513 Datasheet HTML 78Page - Infineon Technologies AG AMD8513 Datasheet HTML 79Page - Infineon Technologies AG AMD8513 Datasheet HTML 80Page - Infineon Technologies AG AMD8513 Datasheet HTML 81Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 88 page
background image
Data Sheet
77
Rev. 1.21, 2005-12-05
ADM8513
Data Sheet
EEPROM Interface & Example
Figure 5
EEPROM Interface Timing
10
EEPROM Interface & Example
If the EEPROM contents from offset 0 to offset 5 is “FF_FF_FF_FF_FF_FF”, the EEPROM isn't programmed
correctly. The default values for every field are used instead of loading from EEPROM.
Table 82
EEPROM Interface
Offset(Byte) Field
Description
00
node_id0
The 1st byte of Ethernet node ID.
01
node_id1
The 2st byte of Ethernet node ID.
02
node_id2
The 3st byte of Ethernet node ID.
03
node_id3
The 4st byte of Ethernet node ID.
04
node_id4
The 5st byte of Ethernet node ID.
05
node_id5
The 6st byte of Ethernet node ID.
06-07
Reserved
08
Max_Pwr
The maximum USB power consumption.
09
Ep3_Interval
The polling interval for endpoint 3. If this value is 0, EP3 is disabled.
0A[0]
Reserved
0A[1]
USB_Sel
0A[1] = 1: select internal USB transceiver.
0A[4:2]
PHY Mode
0A[4:2]= 000
0B[0]
Reserved
0B[5:1]
Reserved
0B[7:6]
LED Mode
Refer to Pin assignment
0C
Languageid_lo
The low byte of language ID.
0D
Languageid_hi
The high byte of language ID.
0E-0F
Reserved
10
Manuid_lo
The low byte of manufacture ID.
11
Manuid_hi
The high byte of manufacture ID.
EECS
tEECSS
tEECSH
tEESKS
EESK
tEEDIS
tEEDIH
EEDI
tEEDOH
tEEDOP
EEDO
tEEDOP
tEEDOH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com