công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

OX16CF950 bảng dữ liệu(PDF) 26 Page - List of Unclassifed Manufacturers

tên linh kiện OX16CF950
Giải thích chi tiết về linh kiện  LOW COST ASYNCHRONOUS 16 BIT CARD
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC - List of Unclassifed Manufacturers

OX16CF950 bảng dữ liệu(HTML) 26 Page - List of Unclassifed Manufacturers

Back Button OX16CF950 Datasheet HTML 22Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 23Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 24Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 25Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 26Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 27Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 28Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 29Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 30Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 60 page
background image
Page 26
OXCF950 DATA SHEET V1.1
OXFORD SEMICONDUCTOR LTD.
Register
Name
Address
R/W
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
To access these registers LCR must be set to 0xBF
EFR
010
R/W
CTS
flow
control
RTS
Flow
control
Special
char
detect
Enhanced
mode
In-band flow control mode
XON1
100
R/W
XON Character 1
9-bit mode
Special character 1
XON2
101
R/W
XON Character 2
9-bit mode
SpecialCharacter2
XOFF1
110
R/W
XOFF Character 1
9-bit mode
Special character 3
XOFF2
111
R/W
XOFF Character 2
9-bit mode
Special character 4
Table 22: 650 Compatible Registers
Register
Name
Address
R/W
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
ASR 1,6,7
001
R/W 7
Tx
Idle
FIFO
size
FIFO-
SEL
Special
Char
Detect
DTR
RTS
Remote
Tx
Disabled
Tx
Disabled
RFL 6
011
R
Number of characters in the receiver FIFO
TFL 3,6
100
R
Number of characters in the transmitter FIFO
ICR 3,8,9
101
R/W
Data read/written depends on the value written to the SPR prior to
the access of this register (see
Table 24)
Table 23: 950 Specific Registers
Register access notes:
Note 1: Requires LCR[7] = 0
Note 2: Requires ACR[7] = 0
Note 3: Requires that last value written to LCR was not 0xBF
Note 4: To read this register ACR[7] must be = 0
Note 5: To read this register ACR[6] must be = 0
Note 6: Requires ACR[7] = 1
Note 7: Only bits 0 and 1 of this register can be written
Note 8: To read this register ACR[6] must be = 1
Note 9: This register acts as a window through which to read and write registers in the Indexed Control Register set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com