công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

OX16CF950 bảng dữ liệu(PDF) 24 Page - List of Unclassifed Manufacturers

tên linh kiện OX16CF950
Giải thích chi tiết về linh kiện  LOW COST ASYNCHRONOUS 16 BIT CARD
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC - List of Unclassifed Manufacturers

OX16CF950 bảng dữ liệu(HTML) 24 Page - List of Unclassifed Manufacturers

Back Button OX16CF950 Datasheet HTML 20Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 21Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 22Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 23Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 24Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 25Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 26Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 27Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 28Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 60 page
background image
Page 24
OXCF950 DATA SHEET V1.1
OXFORD SEMICONDUCTOR LTD.
enabled using the Additional Control Register ‘ACR’ (see
section 6.11.3). In addition to larger FIFOs and higher baud
rates, the enhancements of the 950 over the 16C654 are:
•
Selectable arbitrary trigger levels for the receiver and
transmitter FIFO interrupts
•
Improved automatic flow control using selectable
arbitrary thresholds
•
DSR#/DTR# automatic flow control
•
Transmitter and receiver can be optionally disabled
•
Software reset of device
•
Readable FIFO fill levels
•
Optional generation of an RS-485 buffer enable signal
•
Four-byte device identification (0x16C95006)
•
Readable status for automatic in-band and out-of-
band flow control
•
External 1x clock modes (see section 6.10.4)
•
Flexible “M N/8” clock prescaler (see section 6.10.2)
•
Programmable sample clock to allow data rates up to
15 Mbps (see section 6.10.3) at 5V
•
9-bit data mode
The 950 trigger levels are enabled when ACR[5] is set (bits
4 to 7 of FCR are ignored). Then arbitrary trigger levels can
be defined in RTL, TTL, FCL and FCH registers (see
section 6.11). The Additional Status Register (‘ASR’) offers
flow control status for the local and remote transmitters.
FIFO levels are readable using RFL and TFL registers.
The UART has a flexible prescaler capable of dividing the
system clock by any value between 1 and 31.875 in steps
of 0.125. It divides the system clock by an arbitrary value in
“M N/8” format, where M and N are 5 and 3-bit binary
numbers programmed in CPR[7:3] and CPR[2:0]
respectively. This arrangement offers a great deal of
flexibility when choosing an input clock frequency to
synthesize arbitrary baud rates. The default division value
is 4 to provide backward compatibility with 16C650
devices.
The user may apply an external 1x (or Nx) clock for the
transmitter and receiver to the RI# and DSR# pin
respectively. The transmitter clock may be asserted on the
DTR# pin. The external clock options are selected through
the CKS register (offset 0x02 of ICR).
It is also possible to define the over-sampling rate used by
the transmitter and receiver clocks. The 16C450/16C550
and compatible devices employ 16 times over-sampling,
i.e. There are 16 clock cycles per bit. However, the 950 can
employ any over-sampling rate from 4 to 16 by
programming the TCR register. This allows the data rates
to be increased to 460.8 Kbps using a 1.8432MHz clock, or
15 Mbps using a 60 MHz clock (at 5V). The default value
after a reset for this register is 0x00, which corresponds to
a 16 cycle sampling clock. Writing 0x01, 0x02 or 0x03 will
also result in a 16 cycle sampling clock. To program the
value to any value from 4 to 15 it is necessary to write this
value into TCR i.e. to set the device to a 13 cycle sampling
clock it would be necessary to write 0x0D to TCR. For
further information see sections 6.10.3.
The 950 also offers 9-bit data fr ames for multi-drop
industrial applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com