công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

OX16CF950 bảng dữ liệu(PDF) 20 Page - List of Unclassifed Manufacturers

tên linh kiện OX16CF950
Giải thích chi tiết về linh kiện  LOW COST ASYNCHRONOUS 16 BIT CARD
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC - List of Unclassifed Manufacturers

OX16CF950 bảng dữ liệu(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button OX16CF950 Datasheet HTML 16Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 17Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 18Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 19Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 20Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 21Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 22Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 23Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 60 page
background image
Page 20
OXCF950 DATA SHEET V1.1
OXFORD SEMICONDUCTOR LTD.
0x47
0x45
0x4E
0x45
0x52
0x49
0x43
0x00
0x00
0x00
0xFF
0x1A
0x04
0x00
0x02
0xF8
0x0F
CISTPL_CONFIG
The CISTPL_CONFIG tuple provides basic configuration information including the
following:
•
Base address of the configuration registers (specified as 0xFA)
•
Which configuration registers are present and supported (Configuration
Options Register, Configuration Status Register, Pin Replacement
Register, and Socket and Copy Register are supported).
•
Index of the last Configuration Table Entry (set to 0x02).
0x1B
0x0D
0xC1
0x41
0x99
0x01
0xB5
0x1E
0xA0
0x40
0x0F
0xB0
0xFF
0xFF
0x07
CISTPL_CFTABLE_ENTRY This tuple specifies one particular configuration that the device can be used in. Each
configuration has an index number, which is used by the host to select it. This
configuration has the following properties:
•
Index is 0x01
•
READY signal is active, and configuration is for I/O and Memory mode.
•
Nominal Vcc is set to be 3.30 volts.
•
Requests 16 bytes of I/O space.
•
Level interrupts, interrupt sharing are supported.
•
Any interrupt (IRQ0-15) can be used.
•
Maximum number of identical cards is set to 8.
0x1B
0x04
0x02
0x01
0x01
0x55
CISTPL_CFTABLE_ENTRY This configuration is based on the previous configuration, except that it requests Vcc
to be 5.0 volts.
0xFF
CISTPL_END
End of CIS
Table 18: Card Information Structure Values (Local Bus Mode)
5.6.2
Normal Mode
Value
(Hex)
Tuple Name
Description
Direct Attribute
0x01
0x03
0x00
0x00
0xFF
CISTPL_DEVICE
CIS should start with a CISTPL_DEVICE tuple. (Allows operation at 5.0 volts)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com