| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMS320DM6431 bảng dữ liệu(PDF) 157 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320DM6431 bảng dữ liệu(HTML) 157 Page - Texas Instruments |
|
157 / 227 page ![]() TMS320DM6431 Digital Media Processor www.ti.com SPRS342C – NOVEMBER 2006 – REVISED JUNE 2008 Table 6-21. DM6431 DSP System Event Mapping (continued) DSP DSP SYSTEM SYSTEM ACRONYM SOURCE ACRONYM SOURCE EVENT EVENT NUMBER NUMBER 43 EMACINT EMAC Memory Controller 107 Reserved 44 Reserved 108 Reserved 45 Reserved 109 Reserved 46 Reserved 110 Reserved 47 Reserved 111 Reserved 48 MBXINT0 McBSP0 Transmit 112 Reserved 49 MBRINT0 McBSP0 Receive 113 PMC_ED C64x+ PMC 50 Reserved 114 Reserved 51 Reserved 115 Reserved 52 Reserved 116 UMCED1 C64x+ UMC 1 53 DDRINT DDR2 Memory Controller 117 UMCED2 C64x+ UMC 2 54 EMIFAINT EMIFA 118 PDCINT C64x+ PDC 55 Reserved 119 SYSCMPA C64x+ SYS 56 Reserved 120 PMCCMPA C64x+ PMC 57 HECC0INT HECC Interrupt 0 121 PMCDMPA C64x+ PMC 58 HECC1INT HECC Interrupt 1 122 DMCCMPA C64x+ DMC 59 AXINT0 McASP0 Transmit 123 DMCDMPA C64x+ DMC 60 ARINT0 McASP0 Receive 124 UMCCMPA C64x+ UMC 61 Reserved 125 UMCDMPA C64x+ UMC 62 Reserved 126 EMCCMPA C64x+ EMC 63 Reserved 127 EMCBUSERR C64x+ EMC Table 6-22. C64x+ Interrupt Controller Registers HEX ADDRESS ACRONYM REGISTER DESCRIPTION 0x0180 0000 EVTFLAG0 Event flag register 0 0x0180 0004 EVTFLAG1 Event flag register 1 0x0180 0008 EVTFLAG2 Event flag register 2 0x0180 000C EVTFLAG3 Event flag register 3 0x0180 0020 EVTSET0 Event set register 0 0x0180 0024 EVTSET1 Event set register 1 0x0180 0028 EVTSET2 Event set register 2 0x0180 002C EVTSET3 Event set register 3 0x0180 0040 EVTCLR0 Event clear register 0 0x0180 0044 EVTCLR1 Event clear register 1 0x0180 0048 EVTCLR2 Event clear register 2 0x0180 004C EVTCLR3 Event clear register 3 0x0180 0080 EVTMASK0 Event mask register 0 0x0180 0084 EVTMASK1 Event mask register 1 0x0180 0088 EVTMASK2 Event mask register 2 0x0180 008C EVTMASK3 Event mask register 3 0x0180 00A0 MEVTFLAG0 Masked event flag register 0 0x0180 00A4 MEVTFLAG1 Masked event flag register 1 0x0180 00A8 MEVTFLAG2 Masked event flag register 2 0x0180 00AC MEVTFLAG3 Masked event flag register 3 0x0180 00C0 EXPMASK0 Exception mask register 0 0x0180 00C4 EXPMASK1 Exception mask register 1 0x0180 00C8 EXPMASK2 Exception mask register 2 0x0180 00CC EXPMASK3 Exception mask register 3 Submit Documentation Feedback Peripheral Information and Electrical Specifications 157 |