| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EPC635 bảng dữ liệu(PDF) 96 Page - Espros Photonics corp |
|
|
|||||||||||||||||||||||||||||
EPC635 bảng dữ liệu(HTML) 96 Page - Espros Photonics corp |
|
96 / 97 page ![]() 10. Addendum 10.1. Terms, Definitions and Abbreviations Abbreviation Term, Definition Explanation ABS Automatic Backlight Suppression ADC Analog Digital Converter AMR Ratio of ambient-light / modulated light Big-endian The MSB of a multi-byte register is stored in the memory loca- tion with the lowest address first. The next byte value in signifi- cance is stored at the following memory location and so on CGU Clock Generation Unit CSP Chip Scale Package DCS Differential Correlation Sample DLL Delay Locked Loop A digital circuit similar to PLL, with the main difference being the absence of an internal VCO, replaced by a delay line Half-QQVGA 1/8 of a Quarter VGA 160x60 pixel resolution HDR High Dynamic Range IC Integrated Circuit JTAG Joint Test Action Group LED/LD Light Emitting Diode / Laser Diode LSB Least Significant Bit LSFR Linear Feedback Shift Register MGA Modulation Gate A MGB Modulation Gate B MGX Modulation Gate A, B mga MGA control signal mgb MGB control signal mgx MGX control signal MSB Most Significant Bit OSC Oscillator PLL Phase Locked Loop QVGA Quarter VGA 320x240 pixel resolution ROI Region of Interest SGA Storage Gate A SGB Storage Gate B SGX Storage Gate A, B TCMI TOF Camera Module Interface TOF Time of Flight VCO Voltage Controlled OSC VGA Video Graphics Array 640x480 pixel resolution XTAL Crystal Table 42: Definitions and Abbreviations 10.2. Related documents ■ NXP I2C-bus specification: I2C Bus Specification and User Manual, NXP corp. ■ Application note AN10 epc600/epc610 temperature and BG light compensation, ESPROS Photonics corp. ■ Application note AN07 Handbook – epc600 Time-of-flight range finder chip, ESPROS Photonics corp. ■ Application note AN08 Process-Rules CSP Assembly, ESPROS Photonics corp. © 2017 ESPROS Photonics Corporation Characteristics subject to change without notice 96 / 97 Datasheet_epc635-V1.02 www.espros.com |