| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EPC635 bảng dữ liệu(PDF) 78 Page - Espros Photonics corp |
|
|
|||||||||||||||||||||||||||||
EPC635 bảng dữ liệu(HTML) 78 Page - Espros Photonics corp |
|
78 / 97 page ![]() MT_0_lo MT-vector: Sine mode DCS 0 (low) 0x24 Bit No. 7 6 5 4 3 2 1 0 Bit name reserved override_led_ off_integ override_led_ on_integ override_mgb _on_integ override_mga _on_integ override_mgb _off override_mga _off Operation RW Default 0 0 0 0 0 0 0 0 0x00 override_led_off_integ: ■ Sine/grayscale: 0: LED/LD is modulated 1: LED/LD stays off entire integration time override_led_on_integ: ■ Sine/grayscale: 0: LED/LD is modulated 1: LED/LD stays on the entire integration time (DC) override_mgb_on_integ: MGB stays on (conducting) entire integration time override_mga_on_integ: MGA stays on (conducting) entire integration time override_mgb_off: MGB stays off (non-conducting) all the time override_mga_off: MGA stays off (non-conducting) all the time Note 1: Priorities: b0 over b2, b1 over b3. Note 2: b5..b0 are ignored during DLL synchronization MT_1_hi MT-vector: Sine mode DCS 1 (high) 0x25 Bit No. 23 22 21 20 19 18 17 16 Bit name reserved readout_mode mgx1_dcs_num mgx0_dcs_num Operation RW Default 0 0 1 1 0 1 0 1 0x35 Note: Description see MT_0_hi MT_1_lo MT-vector: Sine mode DCS 1 (low) 0x27 Bit No. 7 6 5 4 3 2 1 0 Bit name reserved override_led_ off_integ override_led_ on_integ override_mgb _on_integ override_mga _on_integ override_mgb _off Operation RW Default 0 0 0 0 0 0 0 0 0x00 Note: Description see MT_0_lo MT_2_hi MT-vector: Sine mode DCS 2 (high) 0x28 Bit No. 23 22 21 20 19 18 17 16 Bit name reserved readout_mode mgx1_dcs_num mgx0_dcs_num Operation RW Default 0 0 1 1 1 0 1 0 0x3A Note: Description see MT_0_hi © 2017 ESPROS Photonics Corporation Characteristics subject to change without notice 78 / 97 Datasheet_epc635-V1.02 www.espros.com |