| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EPC635 bảng dữ liệu(PDF) 73 Page - Espros Photonics corp |
|
|
|||||||||||||||||||||||||||||
EPC635 bảng dữ liệu(HTML) 73 Page - Espros Photonics corp |
|
73 / 97 page ![]() Address Register name Ref. Description Access standard Access advanced CGU registers, SEG0 * 0x80 CLK_enables 8.7.1. CGU register, SEG0.*: Clock enable RW RW 0x81 … 0x84 reserved --- --- 0x85 MOD_CLK_divider 8.7.2. CGU register, SEG0.*: MOD clock divider RW RW 0x86 … 0x87 reserved --- --- 0x88 ISOURCE_CLK_divider 8.7.3 CGU register, SEG0.*: ISOURCE clock divider RW RW 0x89 TCMI_CLK_divider 8.7.4. CGU register, SEG0.*: TCMI clock RW RW 0x8A reserved --- --- Modulator/demodulator registers, SEG1 * 0x8B Demodulation_delays 8.7.5. Mod./demod. registers, SEG1 *: Delays RW RW 0x8C 0x8F reserved --- --- 0x90 LED_driver 8.7.6. Mod./demod. registers, SEG1 *: LED driver RW RW 0x91 SEQ_Control 8.7.7 Mod./demod. registers, SEG1 *: Sequencer control RW RW 0x92 MOD_Control ** 8.7.8. Mod./demod. registers, SEG1 *: Modulation select RW RW 0x93 Dist_offset ** 8.7.9. Mod. /demod. registers, SEG1 *: Distance offset RW RW Pixel operating and readout control registers 0x94 Resolution_reduction ** 8.7.10. Pixel operating and readout control RW RW Frame column / row mapping registers 0x95 … 0x9C reserved --- --- Shutter control registers 0x9D SIR_lo ** 8.7.11 Shutter control: SIR (low) RW RW 0x9E 0x9F Int_len_mgx1_hi ** Int_len_mgx1_lo ** 8.7.12. Shutter control: Integration time mgx1 RW RW 0xA0 0xA1 INTM_hi ** INTM_lo ** 8.7.13. Shutter control: Integration time multiplier RW RW 0xA2 0xA3 Int_len_hi ** Int_len_lo ** 8.7.14. Shutter control: Integration time RW RW 0xA4 Shutter_Control 8.7.15. Shutter control: Video mode / SW control RW RW Power control registers 0xA5 Power_Control (analog) 8.7.16. Power control RW RW DLL synchronization registers 0xA6 0xA7 DLL_en_del_hi DLL_en_del_lo 8.7.17. DLL synchronization: DLL pre-synchronization time RW RW 0xA8 0xA9 DLL_en_hi DLL_en_lo 8.7.17. DLL synchronization: DLL synchronization time RW RW 0xAA 0xAB DLL_measurement_rate_hi ** DLL_measurement_rate_lo ** 8.7.18. DLL synchronization: DLL measurement rate RW RW Table 41: Address map of EEPROM page-0 (0x80 ~ 0xFF) © 2017 ESPROS Photonics Corporation Characteristics subject to change without notice 73 / 97 Datasheet_epc635-V1.02 www.espros.com |