| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EPC635 bảng dữ liệu(PDF) 89 Page - Espros Photonics corp |
|
|
|||||||||||||||||||||||||||||
EPC635 bảng dữ liệu(HTML) 89 Page - Espros Photonics corp |
|
89 / 97 page ![]() DLL_en_lo DLL synchronization: DLL synchronization time (low) 0xA9 Bit No. 7 6 5 4 3 2 1 0 Operation RW Default 0 1 0 1 1 1 1 1 0x5F DLL_en: Number mod_clk periods for the DLL synchronization time. Default = 2'399: delay = (DLL_en + 1) * tmod_clk = 30µs 8.7.18. DLL_measurement_rate_ DLL_measurement_rate_hi ** DLL synchronization: DLL measurement rate (high) 0xAA Bit No. 15 14 13 12 11 10 9 8 Operation RW Default 0 0 0 0 0 0 0 0 0x00 Note: Description see DLL_measurement_rate_lo ** DLL_measurement_rate_lo ** DLL synchronization: DLL measurement rate (low) 0xAB Bit No. 7 6 5 4 3 2 1 0 Operation RW Default 0 0 0 0 0 1 0 0 0x04 DLL_measurement_rate: Number of DCS acquisitions for the DLL measurement to compensate for the phase shift of the LED driv- er path. When equal to 0, the modulator does not trigger the DLL to re-measure, it simply keeps the previ- ously measured/programmed delay value during the following frame acquisition. Note: The DLL measurement rate should be set to a multiple of the dcs frame number e.g. 4x DCS: DLL_measurement_rate = 4. © 2017 ESPROS Photonics Corporation Characteristics subject to change without notice 89 / 97 Datasheet_epc635-V1.02 www.espros.com |