| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STA311B bảng dữ liệu(PDF) 43 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA311B bảng dữ liệu(HTML) 43 Page - STMicroelectronics |
|
43 / 102 page ![]() DocID024340 Rev 1 43/102 STA311B Registers 102 This feature utilizes an ADC on SDI78 that provides power supply ripple information for correction. Registers PSC1, PSC2, PSC3 are utilized in this mode. 8.2.10 Master mute register (0x09) 8.2.11 Master volume register (0x0A) Note: The value of the volume derived from MVOL is dependent on the AMV AutoMode volume settings. 8.2.12 Channel 1 volume (0x0B) 8.2.13 Channel 2 volume (0x0C) Bit RW RST Name Description 0 RW 0 PSCE Power supply ripple correction enable: 0: normal operation 1: PSCorrect operation Bit RW RST Name Description 7 RW 0 EAPD External amplifier power-down: 0: external power stage power-down active 1: normal operation D7 D6 D5 D4 D3 D2 D1 D0 MMUTE 0 D7 D6 D5 D4 D3 D2 D1 D0 MV7 MV6 MV5 MV4 MV3 MV2 MV1 MV0 11 111 11 1 D7 D6 D5 D4 D3 D2 D1 D0 C1V7 C1V6 C1V5 C1V4 C1V3 C1V2 C1V1 C1V0 01 100 00 0 D7 D6 D5 D4 D3 D2 D1 D0 C2V7 C2V6 C2V5 C2V4 C2V3 C2V2 C2V1 C2V0 01 100 00 0 |