| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STA311B bảng dữ liệu(PDF) 91 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA311B bảng dữ liệu(HTML) 91 Page - STMicroelectronics |
|
91 / 102 page ![]() DocID024340 Rev 1 91/102 STA311B Configuration registers (0x77; 0x78; 0x79) 102 9.5.8 RMS post-processing selectors and Fs autodetection (0x70) RMS out selector Fs autodetection D7 D6 D5 D4 D3 D2 D1 D0 RMSOS2 RMSOS1 RMSOS0 FXLRC0 00 000 00 0 Bit RW RST Name Description 7 RW 0 RMSOS2 RMS post-processing selectors. For each channel the current RMS value after the processing step is available on registers rmsPOH (0x7C) and rmsPOL (0x7D). 6 RW 0 RMSOS1 5 RW 0 RMSOS0 Table 25. RMS post-processing channel select RMSOS[2:0] Channel 000 1 001 2 010 3 011 4 100 5 101 6 110 7 111 8 Bit RW RST Name Description 0 RW 0 FXLRC0 If set to 1, the IR and BST32K parameters are auto-selected by the Fs autodetection internal block; otherwise, the I²C register values are used. |