| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST7DALIF2 bảng dữ liệu(PDF) 47 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7DALIF2 bảng dữ liệu(HTML) 47 Page - STMicroelectronics |
|
47 / 171 page ![]() ST7DALIF2 Interrupts 47/171 Table 15. Interrupt mapping N° Source block Description Register label Priority order Exit from Halt or AWUFH Exit from Active- halt Address vector RESET Reset N/A Highest Priority Lowest Priority yes yes FFFEh- FFFFh TRAP Software Interrupt no no FFFCh- FFFDh 0 AWU Auto Wake Up Interrupt AWUCSR yes(1) FFFAh- FFFBh 1 ei0 External Interrupt 0 N/A yes FFF8h- FFF9h 2 ei1 External Interrupt 1 FFF6h- FFF7h 3 ei2 External Interrupt 2 FFF4h- FFF5h 4 ei3 External Interrupt 3 FFF2h- FFF3h 5 LITE TIMER LITE TIMER RTC2 interrupt LTCSR2 no FFF0h- FFF1h 6 DALI DALI DCMCSR no FFEEh- FFEFh 7 SI AVD interrupt SICSR no no FFECh- FFEDh 8 AT TIMER AT TIMER Output Compare Interrupt or Input Capture Interrupt PWMxCSR or ATCSR FFEAh- FFEBh 9 AT TIMER Overflow Interrupt ATCSR yes FFE8h- FFE9h 10 LITE TIMER LITE TIMER Input Capture Interrupt LTCSR no FFE6h- FFE7h 11 LITE TIMER RTC1 Interrupt LTCSR yes FFE4h- FFE5h 12 SPI SPI Peripheral Interrupts SPICSR yes no FFE2h- FFE3h 13 Not used FFE0h- FFE1h 1. This interrupt exits the MCU from “Auto Wake-up from Halt” mode only. |