| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST7DALIF2 bảng dữ liệu(PDF) 57 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7DALIF2 bảng dữ liệu(HTML) 57 Page - STMicroelectronics |
|
57 / 171 page ![]() ST7DALIF2 Power saving modes 57/171 clocked except those which get their clock supply from another clock generator (such as an external or auxiliary oscillator like the AWU oscillator). ● The compatibility of Watchdog operation with AWUFH mode is configured by the WDGHALT option bit in the option byte. Depending on this setting, the HALT instruction when executed while the Watchdog system is enabled, can generate a Watchdog RESET. Figure 28. AWUF Halt timing diagram AWUFH interrupt fCPU RUN MODE HALT MODE 256 OR 4096 tCPU RUN MODE fAWU_RC Clear by software tAWU |