công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

VSC7212RG bảng dữ liệu(PDF) 24 Page - Vitesse Semiconductor Corporation

tên linh kiện VSC7212RG
Giải thích chi tiết về linh kiện  Gigabit Interconnect Chip
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VITESSE [Vitesse Semiconductor Corporation]
Trang chủ  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7212RG bảng dữ liệu(HTML) 24 Page - Vitesse Semiconductor Corporation

Back Button VSC7212RG Datasheet HTML 20Page - Vitesse Semiconductor Corporation VSC7212RG Datasheet HTML 21Page - Vitesse Semiconductor Corporation VSC7212RG Datasheet HTML 22Page - Vitesse Semiconductor Corporation VSC7212RG Datasheet HTML 23Page - Vitesse Semiconductor Corporation VSC7212RG Datasheet HTML 24Page - Vitesse Semiconductor Corporation VSC7212RG Datasheet HTML 25Page - Vitesse Semiconductor Corporation VSC7212RG Datasheet HTML 26Page - Vitesse Semiconductor Corporation VSC7212RG Datasheet HTML 27Page - Vitesse Semiconductor Corporation VSC7212RG Datasheet HTML 28Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
ESE
SEMICONDUCTOR CORPORATION
VITESSE
SEMICONDUCTOR CORPORATION
Preliminary Data Sheet
VSC7212
Gigabit Interconnect Chip
Page 24
G52268-0, Rev 3.3
04/10/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800)-VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Figure 20: REFCLK Timing Waveforms
Table 15: Reference Clock Requirements
Parameters
Description
Min
Max
Units
Conditions
FR
Frequency range
98
136
MHz
DUAL = 0
49
68
MHz
DUAL = 1
FO
Frequency offset
-200
200
ppm
| REFCLK (Tx) - REFCLK (Rx) | =
max offset between Tx and Rx device
REFCLKs on one serial link
DC
REFCLK duty cycle
35
65
%
Measured at 1.4V
TH,TL
REFLCK and TBC pulse width
3
—
ns
TRCR,TRCF
REFCLK rise and fall time
—
1.5
ns
Between VIL(MAX) and VIH(MIN)
REFCLK
Jitter
REFCLK Jitter Power
—
100
ps
RMS for 10-12 Bit Error Ratio with zero
length external path, tested on a sample
basis
REFCLK
VIL(MAX)
VIH(MIN)
TL
TH
PhaseNoise
100Hz
3MHz
∫



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34