công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

VSC7212RG bảng dữ liệu(PDF) 23 Page - Vitesse Semiconductor Corporation

tên linh kiện VSC7212RG
Giải thích chi tiết về linh kiện  Gigabit Interconnect Chip
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VITESSE [Vitesse Semiconductor Corporation]
Trang chủ  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7212RG bảng dữ liệu(HTML) 23 Page - Vitesse Semiconductor Corporation

Back Button VSC7212RG Datasheet HTML 19Page - Vitesse Semiconductor Corporation VSC7212RG Datasheet HTML 20Page - Vitesse Semiconductor Corporation VSC7212RG Datasheet HTML 21Page - Vitesse Semiconductor Corporation VSC7212RG Datasheet HTML 22Page - Vitesse Semiconductor Corporation VSC7212RG Datasheet HTML 23Page - Vitesse Semiconductor Corporation VSC7212RG Datasheet HTML 24Page - Vitesse Semiconductor Corporation VSC7212RG Datasheet HTML 25Page - Vitesse Semiconductor Corporation VSC7212RG Datasheet HTML 26Page - Vitesse Semiconductor Corporation VSC7212RG Datasheet HTML 27Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
VITESSE
SEMICONDUCTOR CORPORATION
Preliminary Data Sheet
VSC7212
Gigabit Interconnect Chip
G52268-0, Rev 3.3
Page 23
04/10/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800)-VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Figure 19: RCLK and RCLKN Timing Waveforms with DUAL = 1
Table 14: General Receive AC Characteristics
NOTE: (1) The probability of correct data acquisition and recovery is 95% per FC-PH 4.3 Section 5.3.
Parameters
Description
Min.
Max.
Units
Conditions
T3
Delay between rising edge of
RCLK to rising edge of
RCLKN
10 x TRX
-500
10 x TRX
+500
ps
TRX is the bit period of the
incoming data on Rx.
DT3
RCLK to RCLKN skew
-500
500
ps
Deviation of RCLK rising
edge to RCLKN rising edge.
Nominal delay is 10-bit
times.
T4
Period of RCLK and
RCLKN
0.49 x
TREFCLK
0.51 x
TREFCLK
ps
Whether or not locked to
serial data, independent of
DUAL input.
DT4
Deviation of
RCLK/RCLKN period from
REFCLK period
-1.0
1.0
%
Whether or not locked to
serial data, independent of
DUAL input.
TR, TF
Output rise and fall time
—
2.4
ns
Between VIL(MAX) and
VIH(MIN) into 10pF load
RLAT
Latency from RX0 to
REFCLK or RCLK
70.5bc-1.6ns
48.5bc-1.6ns
81.5bc+4.1ns
102.5bc+4.1ns
bc+ns
ENDEC=1, recenter only
ENDEC=X, recenter + drift
TLOCK
(1)
Data acquisition lock time
—
2500
bc
8B/10B IDLE pattern,
Tested on a sample basis.
TJTD
Receive data Total
Jitter Tolerance (p-p)
—
600
ps
IEEE 802.3z Clause 38.68,
tested on a sample basis.
DJTD
Receive data Deterministic
Jitter Tolerance (p-p)
—
370
ps
IEEE 802.3z Clause 38.69,
tested on a sample basis.
RCLKN
RCLK
T4
T3
Delay
10
f
baud
------------
∆T
3
±
=
T
RC LK
T
REFC LK
∆T
4
±
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34