công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STA333IS bảng dữ liệu(PDF) 30 Page - STMicroelectronics

tên linh kiện STA333IS
Giải thích chi tiết về linh kiện  100 dB SNR and dynamic range
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA333IS bảng dữ liệu(HTML) 30 Page - STMicroelectronics

Back Button STA333IS Datasheet HTML 26Page - STMicroelectronics STA333IS Datasheet HTML 27Page - STMicroelectronics STA333IS Datasheet HTML 28Page - STMicroelectronics STA333IS Datasheet HTML 29Page - STMicroelectronics STA333IS Datasheet HTML 30Page - STMicroelectronics STA333IS Datasheet HTML 31Page - STMicroelectronics STA333IS Datasheet HTML 32Page - STMicroelectronics STA333IS Datasheet HTML 33Page - STMicroelectronics STA333IS Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 43 page
background image
Register description
STA333IS
30/43
DocID022855 Rev 3
5.2
Volume control registers (addr 0x06 to 0x09)
5.2.1
Mute/line output configuration register (addr 0x06)
Master mute
Channel mute
D7
D6
D5
D4
D3
D2
D1
D0
Reserved
C2M
C1M
MMUTE
00
00
00
0
0
Table 39. Master mute
Bit
R/W
RST
Name
Description
0R/W
0MMUTE
0: normal operation
1: all channels are in mute condition
Table 40. Channel mute
Bit
R/W
RST
Name
Description
1R/W
0C1M
Channel 1 mute:
0: not muted, it is possible to set the channel volume
1: hardware muted
2R/W
0C2M
Channel 2 mute:
0: not muted, it is possible to set the channel volume
1: hardware muted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43