công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LPC47M172 bảng dữ liệu(PDF) 71 Page - SMSC Corporation

tên linh kiện LPC47M172
Giải thích chi tiết về linh kiện  ADVANCED I/O CONTROLLER WITH MOTHERBOARD GLUE LOGIC
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SMSC [SMSC Corporation]
Trang chủ  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M172 bảng dữ liệu(HTML) 71 Page - SMSC Corporation

Back Button LPC47M172 Datasheet HTML 67Page - SMSC Corporation LPC47M172 Datasheet HTML 68Page - SMSC Corporation LPC47M172 Datasheet HTML 69Page - SMSC Corporation LPC47M172 Datasheet HTML 70Page - SMSC Corporation LPC47M172 Datasheet HTML 71Page - SMSC Corporation LPC47M172 Datasheet HTML 72Page - SMSC Corporation LPC47M172 Datasheet HTML 73Page - SMSC Corporation LPC47M172 Datasheet HTML 74Page - SMSC Corporation LPC47M172 Datasheet HTML 75Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 227 page
background image
Advanced I/O Controller with Motherboard GLUE Logic
Datasheet
SMSC/Non-SMSC Register Sets (Rev. 02-27-04)
Page 71
SMSC LPC47M172
DATASHEET
6.20
Sense Drive Status
Sense Drive Status obtains drive status information. It has not execution phase and goes directly to the
result phase from the command phase. Status Register 3 contains the drive status information.
6.21
Specify
The Specify command sets the initial values for each of the three internal times. The HUT (Head Unload
Time) defines the time from the end of the execution phase of one of the read/write commands to the head
unload state. The SRT (Step Rate Time) defines the time interval between adjacent step pulses. Note that
the spacing between the first and second step pulses may be shorter than the remaining step pulses. The
HLT (Head Load Time) defines the time between when the Head Load signal goes high and the read/write
operation starts. The values change with the data rate speed selection and are documented in Table 6.26.
The values are the same for MFM and FM.
DMA operation is selected by the ND bit. When ND is “0”, the DMA mode is selected. This part does not
support non-DMA mode. In DMA mode, data transfers are signaled by the DMA request cycles.
6.22
Configure
The Configure command is issued to select the special features of the FDC. A Configure command need
not be issued if the default values of the FDC meet the system requirements.
Table 6.26 - Drive Control Delays (ms)
HUT
SRT
2M
1M
500K
300K
250K
2M
1M
500K
300K
250K
0
1
..
E
F
64
4
..
56
60
128
8
..
112
120
256
16
..
224
240
426
26.7
..
373
400
512
32
..
448
480
4
3.75
..
0.5
0.25
8
7.5
..
1
0.5
16
15
..
2
1
26.7
25
..
3.33
1.67
32
30
..
4
2
HLT
2M
1M
500K
300K
250K
00
01
02
..
7F
7F
64
0.5
1
..
63
63.5
128
1
2
..
126
127
256
2
4
..
252
254
426
3.3
6.7
..
420
423
512
4
8
.
504
508
6.22.1 Configure Default Values
EIS - No Implied Seeks
EFIFO - FIFO Disabled
POLL - Polling Enabled
FIFOTHR - FIFO Threshold Set to 1 Byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com