công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LPC47M172 bảng dữ liệu(PDF) 52 Page - SMSC Corporation

tên linh kiện LPC47M172
Giải thích chi tiết về linh kiện  ADVANCED I/O CONTROLLER WITH MOTHERBOARD GLUE LOGIC
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SMSC [SMSC Corporation]
Trang chủ  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M172 bảng dữ liệu(HTML) 52 Page - SMSC Corporation

Back Button LPC47M172 Datasheet HTML 48Page - SMSC Corporation LPC47M172 Datasheet HTML 49Page - SMSC Corporation LPC47M172 Datasheet HTML 50Page - SMSC Corporation LPC47M172 Datasheet HTML 51Page - SMSC Corporation LPC47M172 Datasheet HTML 52Page - SMSC Corporation LPC47M172 Datasheet HTML 53Page - SMSC Corporation LPC47M172 Datasheet HTML 54Page - SMSC Corporation LPC47M172 Datasheet HTML 55Page - SMSC Corporation LPC47M172 Datasheet HTML 56Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 227 page
background image
Advanced I/O Controller with Motherboard GLUE Logic
Datasheet
SMSC/Non-SMSC Register Sets (Rev. 02-27-04)
Page 52
SMSC LPC47M172
DATASHEET
RESET
There are three sources of system reset on the FDC: the nPCI_RESET pin, a reset generated via a bit in
the DOR, and a reset generated via a bit in the DSR. At power on, a Power On Reset initializes the FDC.
All resets take the FDC out of the power down state.
All operations are terminated upon a nPCI_RESET, and the FDC enters an idle state. A reset while a disk
write is in progress will corrupt the data and CRC.
On exiting the reset state, various internal registers are cleared, including the Configure command
information, and the FDC waits for a new command. Drive polling will start unless disabled by a new
Configure command.
nPCI_RESET Pin (Hardware Reset)
The nPCI_RESET pin is a global reset and clears all registers except those programmed by the Specify
command. The DOR reset bit is enabled and must be cleared by the host to exit the reset state.
DOR Reset vs. DSR Reset (Software Reset)
These two resets are functionally the same. Both will reset the FDC core, which affects drive status
information and the FIFO circuits. The DSR reset clears itself automatically while the DOR reset requires
the host to manually clear it. DOR reset has precedence over the DSR reset. The DOR reset is set
automatically upon a pin reset. The user must manually clear this reset bit in the DOR to exit the reset
state.
6.5
Modes of Operation
The FDC has three modes of operation, PC/AT mode, PS/2 mode and Model 30 mode. These are
determined by the state of the Interface Mode bits in FDC logical device -CRF0[3,2].
6.5.1
PC/AT Mode
The PC/AT register set is enabled, the DMA enable bit of the DOR becomes valid (controls the interrupt
and DMA functions), and DENSEL is an active high signal.
6.5.2
PS/2 Mode
This mode supports the PS/2 models 50/60/80 configuration and register set. The DMA bit of the DOR
becomes a “don’t care”. The DMA and interrupt functions are always enabled, and DENSEL is active low.
6.5.3
Model 30 Mode
This mode supports PS/2 Model 30 configuration and register set. The DMA enable bit of the DOR
becomes valid (controls the interrupt and DMA functions), and DENSEL is active low.
6.6
DMA Transfers
DMA transfers are enabled with the Specify command and are initiated by the FDC by activating a DMA
request cycle. DMA read, write and verify cycles are supported. The FDC supports two DMA transfer
modes: Single Transfer and Burst Transfer. Burst mode is enabled via FDC Logical Device -CRF0-Bit[1].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com