công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F877 bảng dữ liệu(PDF) 162 Page - Microchip Technology

tên linh kiện PIC16F877
Giải thích chi tiết về linh kiện  28/40-Pin 8-Bit CMOS FLASH Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F877 bảng dữ liệu(HTML) 162 Page - Microchip Technology

Back Button PIC16F877 Datasheet HTML 158Page - Microchip Technology PIC16F877 Datasheet HTML 159Page - Microchip Technology PIC16F877 Datasheet HTML 160Page - Microchip Technology PIC16F877 Datasheet HTML 161Page - Microchip Technology PIC16F877 Datasheet HTML 162Page - Microchip Technology PIC16F877 Datasheet HTML 163Page - Microchip Technology PIC16F877 Datasheet HTML 164Page - Microchip Technology PIC16F877 Datasheet HTML 165Page - Microchip Technology PIC16F877 Datasheet HTML 166Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 218 page
background image
PIC16F87X
DS30292C-page 160
 2001 Microchip Technology Inc.
VOL
Output Low Voltage
D080A
I/O ports
——
0.6
V
IOL = 7.0 mA, VDD = 4.5V
D083A
OSC2/CLKOUT (RC osc config)
——
0.6
V
IOL = 1.2 mA, VDD = 4.5V
VOH
Output High Voltage
D090A
I/O ports(3)
VDD - 0.7
——
VIOH = -2.5 mA, VDD = 4.5V
D092A
OSC2/CLKOUT (RC osc config)
VDD - 0.7
——
VIOH = -1.0 mA, VDD = 4.5V
D150*
VOD
Open Drain High Voltage
——
8.5
V
RA4 pin
Capacitive Loading Specs on Output Pins
D100
COSC2 OSC2 pin
——
15
pF
In XT, HS and LP modes when
external clock is used to drive
OSC1
D101
D102
CIO
CB
All I/O pins and OSC2 (RC mode)
SCL, SDA (I2C mode)
—
—
—
—
50
400
pF
pF
Data EEPROM Memory
D120
ED
Endurance
100K
——
E/W 25
°C at 5V
D121
VDRW VDD for read/write
VMIN
—
5.5
V
Using EECON to read/write
VMIN = min. operating voltage
D122
TDEW Erase/write cycle time
—
48
ms
Program FLASH Memory
D130
EP
Endurance
1000
——
E/W 25
°C at 5V
D131
VPR
VDD for read
VMIN
—
5.5
V
VMIN = min operating voltage
D132A
VDD for erase/write
VMIN
—
5.5
V
Using EECON to read/write,
VMIN = min. operating voltage
D133
TPEW Erase/Write cycle time
—
48
ms
15.4
DC Characteristics: PIC16F873/874/876/877-04 (Extended)
PIC16F873/874/876/877-10 (Extended) (Continued)
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature -40°C
≤ TA ≤ +125°C
Operating voltage VDD range as described in DC specification
(Section 15.1)
Param
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
*
These parameters are characterized but not tested.
†
Data in "Typ" column is at 5V, 25°C unless otherwise stated. These parameters are for design guidance
only and are not tested.
Note 1: In RC oscillator configuration, the OSC1/CLKIN pin is a Schmitt Trigger input. It is not recommended that the
PIC16F87X be driven with external clock in RC mode.
2: The leakage current on the MCLR pin is strongly dependent on the applied voltage level. The specified
levels represent normal operating conditions. Higher leakage current may be measured at different input
voltages.
3: Negative current is defined as current sourced by the pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com