công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F877 bảng dữ liệu(PDF) 154 Page - Microchip Technology

tên linh kiện PIC16F877
Giải thích chi tiết về linh kiện  28/40-Pin 8-Bit CMOS FLASH Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F877 bảng dữ liệu(HTML) 154 Page - Microchip Technology

Back Button PIC16F877 Datasheet HTML 150Page - Microchip Technology PIC16F877 Datasheet HTML 151Page - Microchip Technology PIC16F877 Datasheet HTML 152Page - Microchip Technology PIC16F877 Datasheet HTML 153Page - Microchip Technology PIC16F877 Datasheet HTML 154Page - Microchip Technology PIC16F877 Datasheet HTML 155Page - Microchip Technology PIC16F877 Datasheet HTML 156Page - Microchip Technology PIC16F877 Datasheet HTML 157Page - Microchip Technology PIC16F877 Datasheet HTML 158Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 218 page
background image
PIC16F87X
DS30292C-page 152
 2001 Microchip Technology Inc.
15.1
DC Characteristics:
PIC16F873/874/876/877-04 (Commercial, Industrial)
PIC16F873/874/876/877-20 (Commercial, Industrial)
PIC16LF873/874/876/877-04 (Commercial, Industrial)
PIC16LF873/874/876/877-04
(Commercial, Industrial)
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for industrial
0°C
≤ TA ≤ +70°C for commercial
PIC16F873/874/876/877-04
PIC16F873/874/876/877-20
(Commercial, Industrial)
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for industrial
0°C
≤ TA ≤ +70°C for commercial
Param
No.
Symbol
Characteristic/
Device
Min
Typ†
Max
Units
Conditions
VDD
Supply Voltage
D001
16LF87X
2.0
—
5.5
V
LP, XT, RC osc configuration
(DC to 4 MHz)
D001
16F87X
4.0
—
5.5
V
LP, XT, RC osc configuration
D001A
4.5
5.5
V
HS osc configuration
VBOR
5.5
V
BOR enabled, FMAX = 14 MHz(7)
D002
VDR
RAM Data Retention
Voltage(1)
—
1.5
—
V
D003
VPOR
VDD Start Voltage to
ensure internal Power-on
Reset signal
—
VSS
—
V
See section on Power-on Reset for
details
D004
SVDD
VDD Rise Rate to ensure
internal Power-on Reset
signal
0.05
——
V/ms
See section on Power-on Reset for
details
D005
VBOR
Brown-out Reset
Voltage
3.7
4.0
4.35
V
BODEN bit in configuration word
enabled
Legend: Rows with standard voltage device data only are shaded for improved readability.
†
Data in “Typ” column is at 5V, 25°C, unless otherwise stated. These parameters are for design guidance
only, and are not tested.
Note 1: This is the limit to which VDD can be lowered without losing RAM data.
2: The supply current is mainly a function of the operating voltage and frequency. Other factors such as I/O pin
loading, switching rate, oscillator type, internal code execution pattern and temperature also have an impact
on the current consumption.
The test conditions for all IDD measurements in active operation mode are:
OSC1 = external square wave, from rail to rail; all I/O pins tri-stated, pulled to VDD;
MCLR = VDD; WDT enabled/disabled as specified.
3: The power-down current in SLEEP mode does not depend on the oscillator type. Power-down current is
measured with the part in SLEEP mode, with all I/O pins in hi-impedance state and tied to VDD and VSS.
4: For RC osc configuration, current through REXT is not included. The current through the resistor can be esti-
mated by the formula Ir = VDD/2REXT (mA) with REXT in kOhm.
5: Timer1 oscillator (when enabled) adds approximately 20
µA to the specification. This value is from charac-
terization and is for design guidance only. This is not tested.
6: The
∆ current is the additional current consumed when this peripheral is enabled. This current should be
added to the base IDD or IPD measurement.
7: When BOR is enabled, the device will operate correctly until the VBOR voltage trip point is reached.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com