công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP19110-E/MJ bảng dữ liệu(PDF) 18 Page - Microchip Technology

tên linh kiện MCP19110-E/MJ
Giải thích chi tiết về linh kiện  Digitally-Enhanced Power Analog Controller
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19110-E/MJ bảng dữ liệu(HTML) 18 Page - Microchip Technology

Back Button MCP19110-E/MJ Datasheet HTML 14Page - Microchip Technology MCP19110-E/MJ Datasheet HTML 15Page - Microchip Technology MCP19110-E/MJ Datasheet HTML 16Page - Microchip Technology MCP19110-E/MJ Datasheet HTML 17Page - Microchip Technology MCP19110-E/MJ Datasheet HTML 18Page - Microchip Technology MCP19110-E/MJ Datasheet HTML 19Page - Microchip Technology MCP19110-E/MJ Datasheet HTML 20Page - Microchip Technology MCP19110-E/MJ Datasheet HTML 21Page - Microchip Technology MCP19110-E/MJ Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 226 page
background image
MCP19110/11
DS20002331D-page 18
 2013-2016 Microchip Technology Inc.
3.3
Output Voltage
The output voltage is configured by the settings
contained in the OVCCON and OVFCON registers. No
external resistor divider is needed to set the output
voltage. Refer to Section 6.10 “Output Voltage
Configuration”.
The MCP19110/11 contains a unity gain differential
amplifier used for remote sensing of the output voltage.
Connect the +VSEN and -VSEN pins directly at the load
for better load regulation. The +VSEN and -VSEN are the
positive and negative inputs, respectively, of the
differential amplifier.
3.4
Switching Frequency
The switching frequency is configurable over the range
of 100 kHz to 1.6 MHz. The Timer2 module is used to
generate the HDRV/LDRV switching frequency. Refer
to Section 26.0 “PWM Module” for more information.
Example 3-1
shows
how
to
configure
the
MCP19110/11 for a switching frequency of 300 kHz.
EXAMPLE 3-1:
CONFIGURING FSW
3.5
Compensation
The MCP19110/11 is an analog peak current mode
controller with integrated adjustable compensation.
The CMPZCON register is used to adjust the
compensation zero frequency and gain. Figure 3-1
shows the internal compensation network with the
output differential amplifier.
FIGURE 3-1:
SIMPLIFIED INTERNAL
COMPENSATION
3.6
Slope Compensation
In current mode control systems, slope compensation
needs to be added to the control path to help prevent
subharmonic oscillation when operating with greater
than 50% duty cycle. In the MCP19110/11, a negative
slope is added to the error amplifier output signal
before it is compared to the current sense signal. The
amount of slope added is controlled by the
SLPCRCON register, Register 6-7.
The amount of slope compensation added should be
equal to the inductor current down slope during the
high-side off time.
3.7
Current Sense
The output current is differentially sensed by the
MCP19110/11. The sense element can be either a
resistor placed in series with the output, or the series
resistance of the inductor. If the inductor series resis-
tance is used, a filter is needed to remove the large AC
component of the voltage that appears across the
inductor and leave only the small AC voltage that
appears across the inductor resistance, as shown in
Figure 3-2. This small AC voltage is representative of
the output current.
FIGURE 3-2:
INDUCTOR CURRENT
SENSE FILTER
The value of RS and CS can be found by using
Equation 3-3. When the current sense filter time
constant is set equal to the inductor time constant, the
voltage appearing across CS approximates the current
flowing in the inductor, multiplied by the inductor
resistance.
BANKSEL
T2CON
CLRF
T2CON
;Turn off Timer2
CLRF
TMR2
;Initialize module
MOVLW
0x19
;Fsw=300 kHz
MOVWF
PR2
MOVLW
0x0A
;Max duty cycle=40%
MOVWF
PWMRL
MOVLW
0x00
;No phase shift
MOVWF
PWMPHL
MOVLW
0x04
;Turn on Timer2
MOVWF
T2CON
VREF
+VSEN
-VSEN
Note 1: To enable the slope compensation
circuitry, the ABECON<SLCPBY> bit
must be cleared.
To Load
-ISEN
+ISEN
HDRV
LDRV
PHASE
LRL
CS
RS
VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com