công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP19110-E/MJ bảng dữ liệu(PDF) 67 Page - Microchip Technology

tên linh kiện MCP19110-E/MJ
Giải thích chi tiết về linh kiện  Digitally-Enhanced Power Analog Controller
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19110-E/MJ bảng dữ liệu(HTML) 67 Page - Microchip Technology

Back Button MCP19110-E/MJ Datasheet HTML 63Page - Microchip Technology MCP19110-E/MJ Datasheet HTML 64Page - Microchip Technology MCP19110-E/MJ Datasheet HTML 65Page - Microchip Technology MCP19110-E/MJ Datasheet HTML 66Page - Microchip Technology MCP19110-E/MJ Datasheet HTML 67Page - Microchip Technology MCP19110-E/MJ Datasheet HTML 68Page - Microchip Technology MCP19110-E/MJ Datasheet HTML 69Page - Microchip Technology MCP19110-E/MJ Datasheet HTML 70Page - Microchip Technology MCP19110-E/MJ Datasheet HTML 71Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 226 page
background image
 2013-2016 Microchip Technology Inc.
DS20002331D-page 67
MCP19110/11
10.0 RELATIVE EFFICIENCY
MEASUREMENT
With a constant input voltage, output voltage and load
current, any change in the high-side MOSFET on-time
represents a change in the system efficiency. The
MCP19110/11 is capable of measuring the on-time of
the high-side MOSFET. Therefore, the relative
efficiency of the system can be measured and
optimized by changing the system parameters, such as
switching frequency, driver dead time or high-side drive
strength.
10.1
Relative Efficiency Measurement
Procedure
To measure the relative efficiency, the RELEFF regis-
ter, ABECON<MEASEN> and ABECON<RECIREN>
bits, and the ADC RELEFF input are used. The
following steps outlines the measurement process:
1.
Set the ABECON<RECIREN> bit to enable the
measurement circuitry.
2.
Clear the ABECON<MEASEN> bit.
3.
With the ADC, read the RELEFF channel and
store this reading as the High.
4.
With the ADC, read the VZC channel and store
this reading as the Low.
5.
Set the ABECON<MEASEN> bit to initiate a
measurement cycle.
6.
Monitor the RELEFF<MSDONE> bit. When set,
it indicates the measurement is complete.
7.
Whenthemeasurementiscomplete,usetheADC
to read the RELEFF channel. This value becomes
the Fractional variable in Equation 10-1. This
reading should be accomplished approximately
50ms after the RELESS<MSDONE> bit is set.
8.
Read the value of the RE<6:0> bits in the
RELEFF register and store the reading as
Whole.
9.
Clear the ABECON<MEASEN> bit.
10. The relative efficiency is then calculated by the
following equation:
EQUATION 10-1:
Note 1: The RELEFF<MSDONE> bit is set and
cleared automatically.
Whole
Fractional Low
–

High Low
–

--------------------------------------------------
+


PR2
1
+

--------------------------------------------------------------------------------
Where:
Whole = Value obtained in Step 8 of the
measurement procedure
Fractional = Value obtained in Step 7 of the
measurement procedure
High = Value obtained in Step 3 of the
measurement procedure
Low = Value obtained in Step 4 of the
measurement procedure
Duty Cycle =
REGISTER 10-1:
RELEFF: RELATIVE EFFICIENCY MEASUREMENT REGISTER
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
MSDONE
RE6
RE5
RE4
RE3
RE2
RE1
RE0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
MSDONE: Relative efficiency measurement done bit
1 = Relative efficiency measurement is complete
0 = Relative efficiency measurement is not complete
bit 6-0
RE<6:0>: Whole clock counts for relative efficiency measurement result



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com