công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP19110-E/MJ bảng dữ liệu(PDF) 24 Page - Microchip Technology

tên linh kiện MCP19110-E/MJ
Giải thích chi tiết về linh kiện  Digitally-Enhanced Power Analog Controller
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19110-E/MJ bảng dữ liệu(HTML) 24 Page - Microchip Technology

Back Button MCP19110-E/MJ Datasheet HTML 20Page - Microchip Technology MCP19110-E/MJ Datasheet HTML 21Page - Microchip Technology MCP19110-E/MJ Datasheet HTML 22Page - Microchip Technology MCP19110-E/MJ Datasheet HTML 23Page - Microchip Technology MCP19110-E/MJ Datasheet HTML 24Page - Microchip Technology MCP19110-E/MJ Datasheet HTML 25Page - Microchip Technology MCP19110-E/MJ Datasheet HTML 26Page - Microchip Technology MCP19110-E/MJ Datasheet HTML 27Page - Microchip Technology MCP19110-E/MJ Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 226 page
background image
MCP19110/11
DS20002331D-page 24
 2013-2016 Microchip Technology Inc.
4.2
Electrical Characteristics
Electrical Specifications: Unless otherwise noted, VIN = 12V, VREF = 1.2V, FSW = 300 kHz, TA =+25°C.
Boldface specifications apply over the TA range of -40°C to +125°C.
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
Input
Input Voltage
VIN
4.5
—
32
V
Input Quiescent Current
IQ
—5
10
mA
Not switching
Shutdown Current
ISHDN
—1.8
2.2
mA
Note 4
Adjustable Input Under-
voltage Lockout Range
UVLO
3
—
32
V
VINLVL is a LOG DAC
Input Undervoltage Lock-
out Hysteresis
UVLOHYS
—
13
—
%
Hysteresis applied to
adjustable UVLO setpoint
Overcurrent
Overcurrent Minimum
Threshold
OCMIN
—160
—
mV
Overcurrent Maximum
Threshold
OCMAX
—620
—
mV
Overcurrent Mid-Scale
Threshold
OCMID
240
400
550
mV
Overcurrent Step Size
OCSTEP_SIZE
10
15
20
mV
Adjustable OC Leading
Edge Blanking Minimum
Set Point
LEBmin
—114
—
ns
Adjustable OC Leading
Edge Blanking Maximum
Set Point
LEBmax
—780
—
ns
Current Sense
Current Sense Minimum
AC Gain
IAC_GAIN
—0
—
dB
Current Sense Maximum
AC Gain
IAC_GAIN
—
22.8
—
dB
Current Sense AC Gain
Mid-Set Point
IAC_GAIN
8.5
11.5
14
dB
Current Sense AC Gain
Step Size
IAC_GAIN_STEP
—1.5
—
dB
Current Sense AC Gain
Offset Voltage
IAC_OFFSET
-175
9
135
mV
Current Sense Minimum
DC Gain
IDC_GAIN
—
19.5
—
dB
Current Sense Maximum
DC Gain
IDC_GAIN
—
35.7
—
dB
Current Sense DC Gain
Mid-Set Point
IDC_GAIN
27
28.6
30.3
dB
Current Sense DC Gain
Step Size
IDC_GAIN_STEP
—2.3
—
dB
Note 1: Ensured by design. Not production tested.
2: VDD-OUT is the voltage present at the VDD pin. VDD is the internally generated bias voltage.
3: This is the total source current for all GPIO pins combined. Individually, each pin can source a maximum of
25 mA.
4: PE1 = 0x00h, ABECON = 0x00h, ATSTCON = 0x80h, WPUGPA = 0x00h, WPUGPB = 0x00h, and
SLEEP command issued to PIC core, see SECTION 16.0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com