công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP19110-E/MJ bảng dữ liệu(PDF) 91 Page - Microchip Technology

tên linh kiện MCP19110-E/MJ
Giải thích chi tiết về linh kiện  Digitally-Enhanced Power Analog Controller
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19110-E/MJ bảng dữ liệu(HTML) 91 Page - Microchip Technology

Back Button MCP19110-E/MJ Datasheet HTML 87Page - Microchip Technology MCP19110-E/MJ Datasheet HTML 88Page - Microchip Technology MCP19110-E/MJ Datasheet HTML 89Page - Microchip Technology MCP19110-E/MJ Datasheet HTML 90Page - Microchip Technology MCP19110-E/MJ Datasheet HTML 91Page - Microchip Technology MCP19110-E/MJ Datasheet HTML 92Page - Microchip Technology MCP19110-E/MJ Datasheet HTML 93Page - Microchip Technology MCP19110-E/MJ Datasheet HTML 94Page - Microchip Technology MCP19110-E/MJ Datasheet HTML 95Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 226 page
background image
 2013-2016 Microchip Technology Inc.
DS20002331D-page 91
MCP19110/11
14.7
Determining the Cause of a Reset
Upon any Reset, multiple bits in the STATUS and
PCON register are updated to indicate the cause of the
Reset. Table 14-4 and Table 14-5 show the Reset
conditions of these registers.
PMDATH
195h
--00 0000
--00 0000
--uu uuuu
OSCCAL
198h
-xxx xxxx
-uuu uuuu
-uuu uuuu
DOVCAL
199h
---- xxxx
---- uuuu
---- uuuu
TTACAL
19Ah
---- xxxx
---- uuuu
---- uuuu
BGRCAL
19Bh
---- xxxx
---- uuuu
---- uuuu
VROCAL
19Ch
---- xxxx
---- uuuu
---- uuuu
ZROCAL
19Dh
---- xxxx
---- uuuu
---- uuuu
ATSTCON
19F
1--- 0001
1--- 0001
u--- uuuu
TABLE 14-3:
INITIALIZATION CONDITION FOR REGISTERS (CONTINUED)
Register
Address
Power-on
Reset
MCLR Reset
WDT Reset
Wake-up from Sleep through
Interrupt
Wake-up from Sleep through
WDT Time-out
Legend:
u = unchanged, x = unknown, – = unimplemented bit, reads as ‘0’, q = value depends on condition.
Note 1:
If VDD goes too low, Power-on Reset will be activated and registers will be affected differently.
2:
One or more bits in INTCON and/or PIRx will be affected (to cause wake-up).
3:
When the wake-up is due to an interrupt and the GIE bit is set, the PC is loaded with the interrupt vector (0004h).
4:
See Table 14-5 for Reset value for specific condition.
TABLE 14-4:
RESET STATUS BITS AND
THEIR SIGNIFICANCE
POR TO
PD
Condition
01
1
Power-on Reset
u0
u
WDT Reset
u0
0
WDT Wake-up from Sleep
u1
0
Interrupt Wake-up from Sleep
uu
u
MCLR Reset during normal
operation
u1
0
MCLR Reset during Sleep
00
x
Not allowed. TO is set on POR
0x
0
Not allowed. PD is set on POR
TABLE 14-5:
RESET CONDITION FOR SPECIAL REGISTERS (Note 2)
Condition
Program
Counter
STATUS
Register
PCON
Register
Power-on Reset
0000h
0001 1xxx
---- -u0-
MCLR Reset during normal operation
0000h
000u uuuu
---- -uu-
MCLR Reset during Sleep
0000h
0001 0uuu
---- -uu-
WDT Reset
0000h
0000 uuuu
---- -uu-
WDT Wake-up from Sleep
PC + 1
uuu0 0uuu
---- -uu-
Interrupt Wake-up from Sleep
PC + 1(1)
uuu1 0uuu
---- -uu-
Legend:
u = unchanged, x = unknown, - = unimplemented bit, reads as ‘0’.
Note 1:
When the wake-up is due to an interrupt and Global Enable bit (GIE) is set, the return address is pushed on the stack
and PC is loaded with the interrupt vector (0004h) after execution of PC + 1.
2:
If a Status bit is not implemented, that bit will be read as ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com