công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP19110-E/MJ bảng dữ liệu(PDF) 90 Page - Microchip Technology

tên linh kiện MCP19110-E/MJ
Giải thích chi tiết về linh kiện  Digitally-Enhanced Power Analog Controller
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19110-E/MJ bảng dữ liệu(HTML) 90 Page - Microchip Technology

Back Button MCP19110-E/MJ Datasheet HTML 86Page - Microchip Technology MCP19110-E/MJ Datasheet HTML 87Page - Microchip Technology MCP19110-E/MJ Datasheet HTML 88Page - Microchip Technology MCP19110-E/MJ Datasheet HTML 89Page - Microchip Technology MCP19110-E/MJ Datasheet HTML 90Page - Microchip Technology MCP19110-E/MJ Datasheet HTML 91Page - Microchip Technology MCP19110-E/MJ Datasheet HTML 92Page - Microchip Technology MCP19110-E/MJ Datasheet HTML 93Page - Microchip Technology MCP19110-E/MJ Datasheet HTML 94Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 226 page
background image
MCP19110/11
DS20002331D-page 90
 2013-2016 Microchip Technology Inc.
PIE1
87h
-000 --00
-000 --00
-uuu --uu
PIE2
88h
0-00 --00
0-00 --00
u-uu --uu
APFCON
89h
---- ---0
---- ---0
---- ---u
VINLVL
90h
0-xx xxxx
0-uu uuuu
u-uu uuuu
OCCON
91h
0xxx xxxx
0uuu uuuu
uuuu uuuu
CSGSCON
93h
-xxx xxxx
-uuu uuuu
-uuu uuuu
CSDGCON
95h
0--- xxxx
0--- uuuu
u--- uuuu
VZCCON
97h
xxxx xxxx
uuuu uuuu
uuuu uuuu
CMPZCON
98h
xxxx xxxx
uuuu uuuu
uuuu uuuu
OUVCON
99h
xxxx xxxx
uuuu uuuu
uuuu uuuu
OOVCON
9Ah
xxxx xxxx
uuuu uuuu
uuuu uuuu
DEADCON
9Bh
xxxx xxxx
uuuu uuuu
uuuu uuuu
SLPCRCON
9Ch
xxxx xxxx
uuuu uuuu
uuuu uuuu
SLVGNCON
9Dh
---x xxxx
---u uuuu
---u uuuu
RELEFF
9Eh
0000 0000
0000 0000
uuuu uuuu
WPUGPA
105h
--1- 1111
--u- uuuu
--u- uuuu
WPUGPB
106h
1111 -11-
uuuu -uu-
uuuu -uu-
PE1
107h
0000 1100
0000 1100
uuuu uuuu
BUFFCON
108h
000- 0000
000- 0000
uuu- uuuu
ABECON
109h
0000 0000
0000 0000
uuuu uuuu
SSPADD
110h
0000 0000
0000 0000
uuuu uuuu
SSPBUF
111h
xxxx xxxx
uuuu uuuu
uuuu uuuu
SSPCON1
112h
0000 0000
0000 0000
uuuu uuuu
SSPCON2
113h
0000 0000
0000 0000
uuuu uuuu
SSPCON3
114h
0000 0000
0000 0000
uuuu uuuu
SSPMSK
115h
1111 1111
1111 1111
uuuu uuuu
SSPSTAT
116h
SSPADD2
117h
0000 0000
0000 0000
uuuu uuuu
SSPMSK2
118h
1111 1111
1111 1111
uuuu uuuu
IOCA
185h
0000 0000
0000 0000
uuuu uuuu
IOCB
186h
0000 -000
0000 -000
uuuu -uuu
ANSELA
187h
---- 1111
---- 1111
---- uuuu
ANSELB
188h
--11 -11-
--11 -11-
--uu -uu-
PMCON1
190h
-0-- -000
-0-- -000
-u-- -uuu
PMCON2
191h
---- ----
---- ----
---- ----
PMADRL
192h
0000 0000
0000 0000
uuuu uuuu
PMADRH
193h
---- -000
---- -000
---- -uuu
PMDATL
194h
0000 0000
0000 0000
uuuu uuuu
TABLE 14-3:
INITIALIZATION CONDITION FOR REGISTERS (CONTINUED)
Register
Address
Power-on
Reset
MCLR Reset
WDT Reset
Wake-up from Sleep through
Interrupt
Wake-up from Sleep through
WDT Time-out
Legend:
u = unchanged, x = unknown, – = unimplemented bit, reads as ‘0’, q = value depends on condition.
Note 1:
If VDD goes too low, Power-on Reset will be activated and registers will be affected differently.
2:
One or more bits in INTCON and/or PIRx will be affected (to cause wake-up).
3:
When the wake-up is due to an interrupt and the GIE bit is set, the PC is loaded with the interrupt vector (0004h).
4:
See Table 14-5 for Reset value for specific condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com