công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM1705DPTP4 bảng dữ liệu(PDF) 94 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện AM1705DPTP4
Giải thích chi tiết về linh kiện  AM1705 ARM짰 Microprocessor
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

AM1705DPTP4 bảng dữ liệu(HTML) 94 Page - Texas Instruments

Back Button AM1705DPTP4 Datasheet HTML 90Page - Texas Instruments AM1705DPTP4 Datasheet HTML 91Page - Texas Instruments AM1705DPTP4 Datasheet HTML 92Page - Texas Instruments AM1705DPTP4 Datasheet HTML 93Page - Texas Instruments AM1705DPTP4 Datasheet HTML 94Page - Texas Instruments AM1705DPTP4 Datasheet HTML 95Page - Texas Instruments AM1705DPTP4 Datasheet HTML 96Page - Texas Instruments AM1705DPTP4 Datasheet HTML 97Page - Texas Instruments AM1705DPTP4 Datasheet HTML 98Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 165 page
background image
AM1705
SPRS657E – FEBRUARY 2010 – REVISED JUNE 2014
www.ti.com
6.16.2.2 Multichannel Audio Serial Port 1 (McASP1) Timing
Table 6-46 and Table 6-47 assume testing over recommended operating conditions (see Figure 6-29 and
Figure 6-30).
Table 6-46. McASP1 Timing Requirements(1) (2)
No.
PARAMETER
MIN
MAX
UNIT
Cycle time, AHCLKR1 external, AHCLKR1 input
25
1
tc(AHCLKRX)
ns
Cycle time, AHCLKX1 external, AHCLKX1 input
25
Pulse duration, AHCLKR1 external, AHCLKR1 input
12.5
2
tw(AHCLKRX)
ns
Pulse duration, AHCLKX1 external, AHCLKX1 input
12.5
Cycle time, ACLKR1 external, ACLKR1 input
greater of 2P or 25
3
tc(ACLKRX)
ns
Cycle time, ACLKX1 external, ACLKX1 input
greater of 2P or 25
Pulse duration, ACLKR1 external, ACLKR1 input
12.5
4
tw(ACLKRX)
ns
Pulse duration, ACLKX1 external, ACLKX1 input
12.5
Setup time, AFSR1 input to ACLKR1 internal(3)
10.4
Setup time, AFSX1 input to ACLKX1 internal
10.4
Setup time, AFSR1 input to ACLKR1 external input (3)
2.6
5
tsu(AFSRX-ACLKRX)
ns
Setup time, AFSX1 input to ACLKX1 external input
2.6
Setup time, AFSR1 input to ACLKR1 external output (3)
2.6
Setup time, AFSX1 input to ACLKX1 external output
2.6
Hold time, AFSR1 input after ACLKR1 internal(3)
-1.9
Hold time, AFSX1 input after ACLKX1 internal
-1.9
Hold time, AFSR1 input after ACLKR1 external input (3)
0.7
6
th(ACLKRX-AFSRX)
ns
Hold time, AFSX1 input after ACLKX1 external input
0.7
Hold time, AFSR1 input after ACLKR1 external output (3)
0.7
Hold time, AFSX1 input after ACLKX1 external output
0.7
Setup time, AXR1[n] input to ACLKR1 internal (3)
10.4
Setup time, AXR1[n] input to ACLKX1 internal(4)
10.4
Setup time, AXR1[n] input to ACLKR1 external input (3)
2.6
7
tsu(AXR-ACLKRX)
ns
Setup time, AXR1[n] input to ACLKX1 external input (4)
2.6
Setup time, AXR1[n] input to ACLKR1 external output (3)
2.6
Setup time, AXR1[n] input to ACLKX1 external output (4)
2.6
Hold time, AXR1[n] input after ACLKR1 internal(3)
-1.8
Hold time, AXR1[n] input after ACLKX1 internal (4)
-1.8
Hold time, AXR1[n] input after ACLKR1 external input (3)
0.5
8
th(ACLKRX-AXR)
ns
Hold time, AXR1[n] input after ACLKX1 external input (4)
0.5
Hold time, AXR1[n] input after ACLKR1 external output (3)
0.5
Hold time, AXR1[n] input after ACLKX1 external output (4)
0.5
(1)
ACLKX1 internal – McASP1 ACLKXCTL.CLKXM = 1, PDIR.ACLKX = 1
ACLKX1 external input – McASP1 ACLKXCTL.CLKXM = 0, PDIR.ACLKX = 0
ACLKX1 external output – McASP1 ACLKXCTL.CLKXM = 0, PDIR.ACLKX = 1
ACLKR1 internal – McASP1 ACLKRCTL.CLKRM = 1, PDIR.ACLKR =1
ACLKR1 external input – McASP1 ACLKRCTL.CLKRM = 0, PDIR.ACLKR = 0
ACLKR1 external output – McASP1 ACLKRCTL.CLKRM = 0, PDIR.ACLKR = 1
(2)
P = SYSCLK2 period
(3)
McASP1 ACLKXCTL.ASYNC=1: Receiver is clocked by its own ACLKR1
(4)
McASP1 ACLKXCTL.ASYNC=0: Receiver is clocked by transmitter's ACLKX1
94
Peripheral Information and Electrical Specifications
Copyright © 2010–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM1705



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com