công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM1705DPTP4 bảng dữ liệu(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện AM1705DPTP4
Giải thích chi tiết về linh kiện  AM1705 ARM짰 Microprocessor
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

AM1705DPTP4 bảng dữ liệu(HTML) 35 Page - Texas Instruments

Back Button AM1705DPTP4 Datasheet HTML 31Page - Texas Instruments AM1705DPTP4 Datasheet HTML 32Page - Texas Instruments AM1705DPTP4 Datasheet HTML 33Page - Texas Instruments AM1705DPTP4 Datasheet HTML 34Page - Texas Instruments AM1705DPTP4 Datasheet HTML 35Page - Texas Instruments AM1705DPTP4 Datasheet HTML 36Page - Texas Instruments AM1705DPTP4 Datasheet HTML 37Page - Texas Instruments AM1705DPTP4 Datasheet HTML 38Page - Texas Instruments AM1705DPTP4 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 165 page
background image
AM1705
www.ti.com
SPRS657E – FEBRUARY 2010 – REVISED JUNE 2014
5.3
Recommended Operating Conditions
MIN
NOM
MAX
UNIT
375 MHz version
1.14
1.2
1.32
V
Supply voltage, Core
CVDD
(CVDD, PLL0_VDDA)
456 MHz version
1.25
1.3
1.35
V
375 MHz version
1.14
1.2
1.32
V
RVDD
Supply Voltage, Internal RAM
456 MHz version
1.25
1.3
1.35
V
Supply voltage, I/O, 1.8V
1.71
1.8
1.89
V
(USB0_VDDA18)
DVDD
Supply voltage, I/O, 3.3V
3.0
3.3
3.45
V
(DVDD, USB0_VDDA33)
Supply ground
VSS
0
0
0
V
(VSS, PLL0_VSSA, OSCVSS(1))
VIH
(2)
High-level input voltage, I/O, 3.3V
2
V
High-level input voltage, OSCIN
0.7*CVDD
V
VIL
(2)
Low-level input voltage, I/O, 3.3V
0.8
V
Low-level input voltage, OSCIN
0.3*CVDD
V
VHYS
Input Hysteresis
160
mV
Transition time, 10%-90%, All Inputs (unless otherwise specified in
tt
0.25P or 10 (3)
ns
the electrical data sections)
375 (1.2V)
Commercial (default)
0
MHz
456 (1.3V)
FSYSCLK6
ARM Operating Frequency (SYSCLK6)
Industrial (D suffix)
0
456 (1.3V)
MHz
Extended (A suffix)
0
375(1.2V)
MHz
(1)
When an external crystal is used, oscillator (OSC_VSS) ground must be kept separate from other grounds and connected directly to the
crystal load capacitor ground. These pins are shorted to VSS on the device itself and should not be connected to VSS on the circuit
board. If a crystal is not used and the clock input is driven directly, then the oscillator VSS may be connected to board ground.
(2)
Unless specifically indicated, these I/O specifications do not apply to USB I/Os. USB0 I/Os adhere to USB2.0 specification.
(3)
Whichever is smaller. P = the period of the applied signal. Maintaining transition times as fast as possible is recommended to improve
noise immunity on input signals.
Copyright © 2010–2014, Texas Instruments Incorporated
Device Operating Conditions
35
Submit Documentation Feedback
Product Folder Links: AM1705



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com