| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MB9AF142LB bảng dữ liệu(PDF) 17 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
MB9AF142LB bảng dữ liệu(HTML) 17 Page - SPANSION |
|
17 / 121 page ![]() D a t a S h e e t 14 MB9A140NB_DS706-00040-4v0-E, June 10, 2015 CONFIDENTIAL BGA-96P-M07 (TOP VIEW) 1 2 3 4 5 6 7 8 9 10 11 A VSS P81 P80 VCC VSS B VCC VSS P52 P61 P63 P0D P0C TDO/ SWO P0F VSS AN22 TMS/ SWDIO TRSTX VSS TCK/ SWCLK VSS TDI C P50 P51 VSS P60 P62 P0E P0B P0A VSS AN19 AN18 D P53 P54 P55 Index VSS E P56 P30 P31 AN11 AN10 AN09 AN17 AN16 AN08 AN07 AVRH G P32 P33 P39 AN06 F VSS VSS VSS J P3D P3E VSS P3F P48 AN05 AVSS H P3A P3B P3C P4A P4D AN02 VSS AN01 AN00 AN04 AN03 AVCC P49 P4C P4E MD1 VSS VCC K VCC VSS X1A INITX P45 VSS P4B MD0 X0 X1 VSS L VSS C X0A VSS P44 PFBGA - 96 <Note> The number after the underscore ("_") in pin names such as XXX_1 and XXX_2 indicates the relocated port number. For these pins, there are multiple pins that provide the same function for the same channel. Use the extended port function register (EPFR) to select the pin. |