| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MB9AF142LB bảng dữ liệu(PDF) 55 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
MB9AF142LB bảng dữ liệu(HTML) 55 Page - SPANSION |
|
55 / 121 page ![]() D a t a S h e e t 52 MB9A140NB_DS706-00040-4v0-E, June 10, 2015 CONFIDENTIAL Memory Map Memory Map (1) Peripherals Area 0x41FF_FFFF 0xFFFF_FFFF 0xE010_0000 0x4006_1000 0xE000_0000 0x4006_0000 DMAC 0x4005_0000 0x4004_0000 0x4003_F000 EXT-bus I/F 0x4003_C000 Reserved 0x4003_B000 RTC 0x4003_A000 Watch Counter 0x7000_0000 0x4003_9000 CRC 0x4003_8000 MFS 0x6000_0000 0x4003_7000 0x4003_6000 0x4003_5000 LVD/DS mode 0x4400_0000 0x4003_4000 0x4200_0000 0x4003_3000 GPIO 0x4003_2000 Reserved 0x4000_0000 0x4003_1000 Int-Req.Read 0x4003_0000 EXTI 0x4002_F000 Reserved 0x2400_0000 0x4002_E000 CR Trim 0x2200_0000 0x4002_8000 0x4002_7000 A/DC 0x4002_6000 Reserved 0x2008_0000 0x4002_5000 Base Timer 0x2000_0000 SRAM1 0x1FFF_0000 SRAM0 0x0020_8000 Reserved 0x0020_0000 Flash(Work area) 0x0010_4000 Reserved 0x0010_0000 Security/CR Trim 0x4001_6000 0x4001_5000 Dual Timer 0x4001_3000 0x4001_2000 SW WDT 0x0000_0000 0x4001_1000 HW WDT 0x4001_0000 Clock/Reset 0x4000_1000 0x4000_0000 Flash I/F Reserved Reserved Reserved Reserved Cortex-M3 Private Peripherals Reserved Reserved External Device Area Reserved Reserved See the next page "Memory Map (2)" for the memory size details. HDMI-CEC/ Remote Control Receiver Reserved Peripherals Reserved 32Mbytes Bit band alias Reserved Reserved 32Mbytes Bit band alias Flash(Main area) |