công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MB9AF142LB bảng dữ liệu(PDF) 36 Page - SPANSION

tên linh kiện MB9AF142LB
Giải thích chi tiết về linh kiện  The MB9A140NB Series are highly integrated
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SPANSION [SPANSION]
Trang chủ  http://www.spansion.com
Logo SPANSION - SPANSION

MB9AF142LB bảng dữ liệu(HTML) 36 Page - SPANSION

Back Button MB9AF142LB Datasheet HTML 32Page - SPANSION MB9AF142LB Datasheet HTML 33Page - SPANSION MB9AF142LB Datasheet HTML 34Page - SPANSION MB9AF142LB Datasheet HTML 35Page - SPANSION MB9AF142LB Datasheet HTML 36Page - SPANSION MB9AF142LB Datasheet HTML 37Page - SPANSION MB9AF142LB Datasheet HTML 38Page - SPANSION MB9AF142LB Datasheet HTML 39Page - SPANSION MB9AF142LB Datasheet HTML 40Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 121 page
background image
D a t a S h e e t
June 10, 2015, MB9A140NB_DS706-00040-4v0-E
33
CONFIDENTIAL
Pin
Function
Pin Name
Function Description
Pin No
LQFP-
100
QFP-
100
BGA-
112
LQFP-
80
BGA-
96
LQFP/
QFN-
64
Multi-
function
Serial
0
SIN0_0
Multi-function serial interface
ch.0 input pin
73
51
C11
59
C11
48
SIN0_1
56
34
H9
46
H9
-
SOT0_0
(SDA0_0)
Multi-function serial interface
ch.0 output pin.
This pin operates as SOT0
when it is used in a
UART/CSIO (operation
modes 0 to 2) and as SDA0
when it is used in an I
2C
(operation mode 4).
72
50
E8
58
D9
47
SOT0_1
(SDA0_1)
57
35
H7
47
G10
-
SCK0_0
(SCL0_0)
Multi-function serial interface
ch.0 clock I/O pin.
This pin operates as SCK0
when it is used in a
UART/CSIO (operation
modes 0 to 2) and as SCL0
when it is used in an I
2C
(operation mode 4).
71
49
D10
57
D10
46
SCK0_1
(SCL0_1)
58
36
G10
48
G9
-
Multi-
function
Serial
1
SIN1_1
Multi-function serial interface
ch.1 input pin
53
31
J10
43
J10
35
SOT1_1
(SDA1_1)
Multi-function serial interface
ch.1 output pin.
This pin operates as SOT1
when it is used in a
UART/CSIO (operation
modes 0 to 2) and as SDA1
when it is used in an I
2C
(operation mode 4).
54
32
J8
44
J8
36
SCK1_1
(SCL1_1)
Multi-function serial interface
ch.1 clock I/O pin.
This pin operates as SCK1
when it is used in a
UART/CSIO (operation
modes 0 to 2) and as SCL1
when it is used in an I
2C
(operation mode 4).
55
33
H10
45
H10
37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More