| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MB9AF142LB bảng dữ liệu(PDF) 16 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
MB9AF142LB bảng dữ liệu(HTML) 16 Page - SPANSION |
|
16 / 121 page ![]() D a t a S h e e t June 10, 2015, MB9A140NB_DS706-00040-4v0-E 13 CONFIDENTIAL BGA-112P-M04 (TOP VIEW) 1 2 3 4 5 6 7 8 9 10 11 A VSS P81 P80 VCC P0E B VCC VSS P52 P61 P0F P0C AN23 TDO/ SWO P0B AN22 TMS/ SWDIO TRSTX VCC VSS TCK/ SWCLK VSS TDI C P50 P51 VSS P60 P62 P0D P09 AN20 VSS AN19 AN18 D P53 P54 P55 VSS AN15 E P30 P31 P32 P33 Index AN17 AN14 AN12 P56 P63 P0A VSS AN21 AN16 AN11 F P34 P35 P36 P39 AN13 AN10 AN09 AVRH AN07 AN06 AVSS H P3B P3C P3E VSS P44 P4C G P37 P38 P3A P3D AN08 AN05 VSS AN04 AN03 AVCC J VCC P3F VSS P40 AN00 K VCC VSS X1A INITX P42 P48 P4B P4E P43 P49 P4D AN02 VSS AN01 P4A MD0 X0 X1 VSS MD1 VSS VCC L VSS C X0A VSS P41 P45 PFBGA - 112 <Note> The number after the underscore ("_") in pin names such as XXX_1 and XXX_2 indicates the relocated port number. For these pins, there are multiple pins that provide the same function for the same channel. Use the extended port function register (EPFR) to select the pin. |